Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5269WI-00-T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5269WI-00-T1
Description  Dual Digital Potentiometer (POT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5269WI-00-T1 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5269WI-00-T1 Datasheet HTML 1Page - ON Semiconductor CAT5269WI-00-T1 Datasheet HTML 2Page - ON Semiconductor CAT5269WI-00-T1 Datasheet HTML 3Page - ON Semiconductor CAT5269WI-00-T1 Datasheet HTML 4Page - ON Semiconductor CAT5269WI-00-T1 Datasheet HTML 5Page - ON Semiconductor CAT5269WI-00-T1 Datasheet HTML 6Page - ON Semiconductor CAT5269WI-00-T1 Datasheet HTML 7Page - ON Semiconductor CAT5269WI-00-T1 Datasheet HTML 8Page - ON Semiconductor CAT5269WI-00-T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT5269
http://onsemi.com
3
PIN DESCRIPTIONS
Table 1. PIN DESCRIPTIONS
Pin #
Name
Function
1
NC
No Connect
2
A0
Device Address, LSB
3
NC
No Connect
4
NC
No Connect
5
NC
No Connect
6
NC
No Connect
7
VCC
Supply Voltage
8
RL0
Low Reference Terminal for
Potentiometer 0
9
RH0
High Reference Terminal for
Potentiometer 0
10
RW0
Wiper Terminal for Potentiometer 0
11
A2
Device Address
12
WP
Write Protection
13
SDA
Serial Data Input/Output
14
A1
Device Address
15
RL1
Low Reference Terminal for
Potentiometer 1
16
RH1
High Reference Terminal for
Potentiometer 1
17
RW1
Wiper Terminal for Potentiometer 1
18
GND
Ground
19
NC
No Connect
20
NC
No Connect
21
NC
No Connect
22
NC
No Connect
23
SCL
Bus Serial Clock
24
A3
Device Address
SCL: Serial Clock
The CAT5269 serial clock input pin is used to clock all data
transfers into or out of the device.
SDA: Serial Data
The CAT5269 bidirectional serial data pin is used to transfer
data into and out of the device. The SDA pin is an open drain
output and can be wire-Ored with the other open drain or
open collector I/Os.
A0, A1, A2, A3: Device Address Inputs
These inputs set the device address when addressing
multiple devices. A total of sixteen devices can be addressed
on a single bus. A match in the slave address must be made
with the address input in order to initiate communication
with the CAT5269.
RH, RL: Resistor End Points
The two sets of RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer.
RW: Wiper
The RW pins are equivalent to the wiper terminal of a
mechanical potentiometer.
WP: Write Protect Input
The WP pin when tied low prevents non-volatile writes to
the data register (change of wiper control register is allowed)
and when tied high or left floating normal read/write
operations are allowed. See Write Protection on page 8 for
more details.
DEVICE OPERATION
The CAT5269 is two resistor arrays integrated with a
2-wire serial interface, two 8-bit wiper control registers and
eight 8-bit, non-volatile memory data registers. Each
resistor array contains 255 separate resistive elements
connected in series. The physical ends of each array are
equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL). The tap positions between and
at the ends of the series resistors are connected to the output
wiper terminals (RW) by a CMOS transistor switch. Only
one tap point for each potentiometer is connected to its wiper
terminal at a time and is determined by the value of the wiper
control register. Data can be read or written to the wiper
control registers or the non-volatile memory data registers
via the 2-wire bus. Additional instructions allow data to be
transferred between the wiper control registers and each
respective potentiometer’s non-volatile data registers. Also,
the device can be instructed to operate in an “increment/
decrement” mode.


Similar Part No. - CAT5269WI-00-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5269WI-00-T1 ONSEMI-CAT5269WI-00-T1 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
More results

Similar Description - CAT5269WI-00-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5419 ONSEMI-CAT5419_13 Datasheet
207Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com