Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS4981-CDA Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS4981-CDA
Description  Monolithic Video Sync Separators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4981-CDA Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS4981-CDA Datasheet HTML 3Page - Gennum Corporation GS4981-CDA Datasheet HTML 4Page - Gennum Corporation GS4981-CDA Datasheet HTML 5Page - Gennum Corporation GS4981-CDA Datasheet HTML 6Page - Gennum Corporation GS4981-CDA Datasheet HTML 7Page - Gennum Corporation GS4981-CDA Datasheet HTML 8Page - Gennum Corporation GS4981-CDA Datasheet HTML 9Page - Gennum Corporation GS4981-CDA Datasheet HTML 10Page - Gennum Corporation GS4981-CDA Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
520 - 23 - 03
BACK PORCH OUTPUT (pin 5)
In an NTSC composite video signal, horizontal sync pulses are
followed by the back porch interval. The device generates a
negative going pulse on pin 5 during this time. It is delayed
typically 500 ns from the rising edge of sync and has a typical
width of 2.5
µs. Both of these times are set by the external R
SET
resistor.
During the pre-equalizing, vertical sync, and post-equalizing
periods, composite sync doubles in frequency. The GS4881
and GS4981 maintain the back porch output at the horizontal
rate due to Back Porch Enable (BPEN), generated by the
internal windowing circuit, which forces back porch to be
asserted at the horizontal rate. This gating circuit is also the
reason for the excellent impulse noise immunity of the back
porch output as shown in Figure 14.
The GS1881 does not gate the Back Porch which allows for
total pin compatibility with the LM1881.
VERTICAL SYNC OUTPUT (pin 3)
The vertical sync interval is detected by integrating the
composite sync pulses. The first broad vertical sync pulse
causes an internal capacitor to charge past a fixed threshold
and raises an internal vertical flag. Once the vertical flag is
raised, the positive edge of the next serration clocks out the
vertical output. When the vertical sync interval ends, the first
post equalizing pulse is unable to charge the capacitor
sufficiently, causing the internal vertical flag to go high. The
rising edge of the second post-equalizing pulse then clocks
out the high flag to end the vertical sync pulse. The vertical
output is clocked in and out and therefore is a fixed width of
197.7
µs (3H + 4.7 µs + 2.3 µs). In the case of a non-standard
vertical interval that has no serrations, a second internal
capacitor is charged and clocks the vertical pulse out after
typically 65
µs. In this case the end of the vertical pulse will still
be the rising edge of the second post-equalizing pulse. As the
vertical detector is designed as a true integrator, it provides
improved noise immunity.
VIDEO INPUT
IMPULSE NOISE
COMPOSITE SYNC RECOVERY TIME without INCREASED DISCHARGE CURRENT (LM1881)
RECOVERY TIME T1
COMPOSITE SYNC RECOVERY TIME with INCREASED DISCHARGE CURRENT (GS1881, GS4881, GS4981)
RECOVERY TIME
T1 / 10
Fig. 14 Back Porch Noise Immunity
Back
Porch
Output
GS4881
GS4981
Video
Input
Impulse
Noise
CIRCUIT DESPCRIPTION
The block diagrams for the GS1881, GS4881 and GS4981,
are shown in Figures 17 through 19, with timing diagrams for
the devices shown in Figure 20.
When stimulated by a composite input signal, the GS1881
and GS4881 sync separators output composite sync,
vertical sync, back porch, and odd/even field information.
The GS4981 substitutes the odd/even output of the GS4881
with a horizontal output. An external resistor on pin 6 is used
to define internal currents allowing the devices to accommodate
horizontal scan rates from 15 kHz to 130 kHz.
COMPOSITE VIDEO INPUT (pin 2) and COMPOSITE
SYNC OUTPUT (pin 1)
Composite video is AC coupled via an external coupling
capacitor to pin 2. The device clamps the sync tip of the input
video to 1.5 V ( V
clamp
) and then slices at 77 mV above the
clamp voltage ( V
slice
). The resultant signal, provided at
pin 1, is a reproduction of the input signal with the active video
portion removed. As V
clamp
and V
slice
are supply and input
signal independent, for 0.5 V p-p signals (sync height of 143
mV) slicing will occur at just above the 50% point and for 2 V
p-p signals (sync height of 572 mV) slicing will occur at
approximately 13% of sync height.
The video signal path and composite sync slicing circuitry
have been optimized and compensated to achieve a low
propagation delay that is stable over temperature. The typical
delay is 60 ns with less than 3 ns drift over the commercial
temperature range.
The typical input clamp discharge current is 11
µA. This
current is optimal under normal operating circumstances but
needs to be increased when the clamp is trying to recover
from negative going impulse noise. The device improves the
recovery time by raising a NOSYNC flag when there has not
been a sync pulse for approximately 11/
2
horizontal lines.
When this flag is raised the discharge current is increased by
85
µA so that the recovery time is sped up by nearly 10 times.
Figure 13 shows a comparison between the recovery times
with and without the increased discharge current.
Fig. 13 Impulse Noise: Recovery Time Comparison


Similar Part No. - GS4981-CDA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4981 GENNUM-GS4981 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
More results

Similar Description - GS4981-CDA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com