Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N9071A Datasheet(PDF) 10 Page - Keysight Technologies

Part # N9071A
Description  X-Series Measurement Application
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9071A Datasheet(HTML) 10 Page - Keysight Technologies

Back Button N9071A Datasheet HTML 6Page - Keysight Technologies N9071A Datasheet HTML 7Page - Keysight Technologies N9071A Datasheet HTML 8Page - Keysight Technologies N9071A Datasheet HTML 9Page - Keysight Technologies N9071A Datasheet HTML 10Page - Keysight Technologies N9071A Datasheet HTML 11Page - Keysight Technologies N9071A Datasheet HTML 12Page - Keysight Technologies N9071A Datasheet HTML 13Page - Keysight Technologies N9071A Datasheet HTML 14Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Description
PXA
MXA
EXA
CXA
GSM (GMSK): Dynamic range, spectrum due to switching1
Offset frequency
400 kHz
80.7 dB
73.7 dB2
72.5 dB3
64.4 dB5
600 kHz
82.4 dB
76.4 dB2
74.6 dB3
67.6 dB5
1.2 MHz
83.5 dB
79.1 dB2
76.6 dB3
70.9 dB5
1.8 MHz
92.3 dB
84.7 dB2
83.7 dB3
71.6 dB5
EDGE (NSR 8PSK and narrow QPSK): Dynamic range, spectrum due to modulation4
Offset frequency
100 kHz
70.2 dB
63.8 dB2
63.9 dB3
53.1 dB5
200 kHz
77.1 dB
69.9 dB2
69.3 dB3
59.8 dB5
250 kHz
79.1 dB
71.8 dB2
71.0 dB3
62.0 dB5
400 kHz
82.4 dB
75.5 dB2
74.2 dB3
66.2 dB5
600 kHz
84.2 (85.9 dB typ)
78.2 dB (80.3 dB typ)2
76.4 dB (79.5 dB typ)3
69.4 dB5 (71.9 dB typ)
1.2 MHz
85.3 (87.7 dB typ)
80.9 dB (83.7 dB typ)2
78.4 dB (81.5 dB typ)3
72.7 dB5 (76.2 dB typ)
1.8 MHz
88.8 (90.5 dB nom)
81.3 dB (82.9 dB nom)2 80.3 dB (83.7 dB nom)3 68.1 dB5 (72.4 dB nom)
6.0 MHz
89.9 (92.3 dB nom)
84.9 dB (87.5 dB nom)2 82.3 dB (86.2 dB nom)3 69.2 dB5 (74.8 dB nom)
EDGE (NSR 8PSK and narrow QPSK): Dynamic range, spectrum due to switching1
Offset frequency
400 kHz
80.7 dB
73.7 dB2
72.5 dB3
64.4 dB5
600 kHz
82.4 dB
76.4 dB2
74.6 dB3
67.6 dB5
1.2 MHz
83.5 dB
79.1 dB2
76.6 dB3
70.9 dB5
1.8 MHz
92.3 dB
84.7 dB2
83.7 dB3
71.6 dB5
EDGE (NSR 16/32QAM; HSR QPSK/16QAM/32QAM) Dynamic range, spectrum due to modulation4
Offset frequency
100 kHz
70.0 dB
63.7 dB2
63.5 dB3
53.1 dB5
200 kHz
76.4 dB
69.6 dB2
68.8 dB3
59.7 dB5
250 kHz
78.1 dB
71.4 dB2
70.3 dB3
61.7 dB5
400 kHz
80.5 dB
74.6 dB2
72.9 dB3
65.5 dB5
600 kHz
81.5 (83.6 dB typ)
76.6 dB (79.8 dB typ)2
74.3 dB (77.5 dB typ)3
68.1 dB5 (71.3 dB typ)
1.2 MHz
82.1 (84.6 dB typ)
78.3 dB (82.1 dB typ)2
75.5 dB (78.7 dB typ)3
70.3 dB5 (74.4 dB typ)
1.8 MHz
86.2 (88.4 dB nom)
80.1 dB (84.0 dB nom)2 78.6 dB (82.1 dB nom)3 65.5 dB5 (70.4 dB nom)
6.0 MHz
86.8 (89.4 dB nom)
82.6 dB (86.7 dB nom)2 79.8 dB (83.6 dB nom)3 66.0 dB5 (71.8 dB nom)
EDGE (NSR 16/32QAM; HSR QPSK/16QAM/32QAM) Dynamic range, spectrum due to switching1
Offset frequency
400 kHz
79.7 dB
73.3 dB2
71.8 dB3
64.1 dB5
600 kHz
81.1 dB
75.7 dB2
73.6 dB3
67.0 dB5
1.2 MHz
81.9 dB
77.8 dB2
75.1 dB3
69.8 dB5
1.8 MHz
91.0 dB
84.2 dB2
82.9 dB3
70.3 dB5
1. 5-pole sync-tuned filters
2. ORFS dynamic range specification for MXA is for instruments with serial number prefix ≥ MY/SG/US5233 (those instruments ship standard
with N9020A-EP2 as the identifier), Refer to the GSM/EDGE chapter for the MXA specification guide for specification on the other MXA:
www.keysight.com/find/mxa_specifications. For MXA, phase noise optimization is set to Best Wide offset (offset > 100 kHz)
3. ORFS dynamic range specification for EXA is for instruments with serial number prefix ≥ MY/SG/US5340 (those instruments ship standard
with N9010A-EP3 as the identifier). Refer to the GSM/EDGE chapter for the EXA specification guide for specification on the other EXA:
www.keysight.com/find/exa_specifications. For EXA, phase noise optimization is set to Best Wide offset (offset > 100 kHz)
4. 5-pole sync-tuned filters; methods: direct time and FFT
5. ORFS dynamic range specification for CXA is for instruments with serial number prefix >= MY/SG/US5423 (those instruments ship standard
with N9000A-EP4 as the identifier). Refer to the GSM/EDGE chapter for the CXA specification guide for specification on the other CXA:
www.keysight.com/find/cxa_specifications. For CXA, phase noise optimization is set to Best Wide offset (offset > 100 kHz)
10 | Keysight | GSM/EDGE/EVO X-Series Measurement Application N9071A & W9071A – Technical Overview


Similar Part No. - N9071A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9072A KEYSIGHT-N9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9073A KEYSIGHT-N9073A Datasheet
1Mb / 18P
   X-Series Measurement Application
N9073C KEYSIGHT-N9073C Datasheet
2Mb / 20P
   X-Series Measurement App, Multi-Touch
N9074A KEYSIGHT-N9074A Datasheet
749Kb / 11P
   X-Series Signal Analyzers (MXA/EXA)
N9075A KEYSIGHT-N9075A Datasheet
2Mb / 12P
   Measurement Application
More results

Similar Description - N9071A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W9071A KEYSIGHT-W9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
W9081A KEYSIGHT-W9081A Datasheet
2Mb / 12P
   X-Series Measurement Application
W9082B KEYSIGHT-W9082B Datasheet
1Mb / 19P
   X-Series Measurement Application
W6153A KEYSIGHT-W6153A Datasheet
1Mb / 15P
   X-Series Measurement Application
W6152A KEYSIGHT-W6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
W9072A KEYSIGHT-W9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
N6156A KEYSIGHT-N6156A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9072A KEYSIGHT-N9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9073A KEYSIGHT-N9073A Datasheet
1Mb / 18P
   X-Series Measurement Application
N6152A KEYSIGHT-N6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com