Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N9082C Datasheet(PDF) 7 Page - Keysight Technologies

Part # N9082C
Description  LTE and LTE-Advanced FDD/TDD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9082C Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N9082C Datasheet HTML 3Page - Keysight Technologies N9082C Datasheet HTML 4Page - Keysight Technologies N9082C Datasheet HTML 5Page - Keysight Technologies N9082C Datasheet HTML 6Page - Keysight Technologies N9082C Datasheet HTML 7Page - Keysight Technologies N9082C Datasheet HTML 8Page - Keysight Technologies N9082C Datasheet HTML 9Page - Keysight Technologies N9082C Datasheet HTML 10Page - Keysight Technologies N9082C Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
07 | Keysight | N9080C and N9082C LTE and LTE-Advanced FDD/TDD X-Series Measurement App, Multi-Touch - Technical Overview
Measurement Summary
Required base station (eNB) RF transmitter measurements
3GPP TS36.141
paragraph #
Transmitter test
E-TM required
N9080C (FDD) & N9082C (TDD)
measurement applications 1
6.2
Base station output power
E-TM 1.1
Channel power 2
6.3.2
Total power dynamic range
E-TM 2
E-TM 3.1
OFDM symbol Tx. power (OSTP) 3
6.4
Transmit ON/OFF power
(TDD only)
E-TM1.1
Transmit ON/OFF power (N9082C only) 4
6.5.1
Frequency error
E-TM 2
E-TM 3.1
Frequency error 3
6.5.2
Error vector magnitude
E-TM 3.2
E-TM 3.3
EVM 3
6.5.3
Time alignment error (TAE)
E-TM 1.1
MIMO summary or cross-carrier summary 5
6.5.4
DL RS power
E-TM 1.1
RS Tx power (RSTP) 3
6.6.1
Occupied bandwidth
E-TM 1.1
Occupied BW
6.6.2
Adjacent channel leakage power ratio (ACLR)
E-TM 1.1
E-TM 1.2
ACP
6.6.2.6
Cumulative ACLR (LTE-Advanced only)
E-TM 1.1
E-TM 1.2
ACP
6.6.3
Operating band unwanted
emissions (SEM)
E-TM 1.1
E-TM 1.2
Spectrum emission mask
6.6.3
Cumulative mask for SEM
(LTE-Advanced only)
E-TM 1.1
E-TM 1.2
Spectrum emission mask
6.6.4
Transmitter spurious emission
E-TM 1.1
Spurious emissions
6.7
Transmitter intermodulation
E-TM 1.1
ACP, SEM, spurious emissions
1. All of the measurements are available for single carrier (LTE) or multiple-carrier LTE-Advanced with up to 5 component carriers. Option 1FP is LTE, Option
2FP is LTE-Advanced.
2. These are pre-demodulation channel power measurements. Channel power reading is also available after demodulation under “Error Summary” trace.
3. These measurements are available under “Error Summary” trace in Mod Analysis as well as under “Conformance EVM” measurement.
4. For LTE-Advanced, this measurement is supported for contiguous carrier aggregation and requires analysis bandwidth on X-Series signal analyzer wide
enough to cover the aggregated bandwidth.
5. “MIMO Summary”/”MIMO Info Table” traces are used to measure TAE for MIMO and Tx diversity signals. For carrier aggregation, “Cross-carrier Summary”
trace is used to measure TAE.
One-button standards-based measurements


Similar Part No. - N9082C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9082B KEYSIGHT-N9082B Datasheet
1Mb / 19P
   LTE and LTE-Advanced FDD/TDD
More results

Similar Description - N9082C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W9080B KEYSIGHT-W9080B Datasheet
1Mb / 19P
   LTE and LTE-Advanced FDD/TDD
N9080C KEYSIGHT-N9080C Datasheet
4Mb / 20P
   LTE and LTE-Advanced FDD/TDD
N9082B KEYSIGHT-N9082B Datasheet
1Mb / 19P
   LTE and LTE-Advanced FDD/TDD
M9082B KEYSIGHT-M9082B Datasheet
4Mb / 16P
   LTE-Advanced FDD/TDD
N7624B KEYSIGHT-N7624B Datasheet
2Mb / 13P
   Signal Studio for LTE/LTE-Advanced FDD/TDD
logo
Skyworks Solutions Inc.
SKY77807 SKYWORKS-SKY77807 Datasheet
75Kb / 2P
   Quad-Band Power Amplifier Module for FDD-TDD LTE
SKY78117 SKYWORKS-SKY78117 Datasheet
240Kb / 2P
   Ultra 2.0 Front-End Module for FDD/TDD LTE Bands 7, 30, 38, 40, 41
SKY77814-11 SKYWORKS-SKY77814-11 Datasheet
104Kb / 2P
   Power Amplifier Module for LTE FDD Band 7
SKY78117-14A SKYWORKS-SKY78117-14A Datasheet
102Kb / 2P
   SkyOne Ultra 2.0 Front-End Module for FDD/TDD LTE Bands 7, 30, 38, 40, 41
SKY77830 SKYWORKS-SKY77830 Datasheet
125Kb / 2P
   Dual-Band Power Amplifier Module for TDD LTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com