Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC0925ND Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSC0925ND
Description  OptiMOSTM Power-MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC0925ND Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSC0925ND Datasheet HTML 1Page - Infineon Technologies AG BSC0925ND Datasheet HTML 2Page - Infineon Technologies AG BSC0925ND Datasheet HTML 3Page - Infineon Technologies AG BSC0925ND Datasheet HTML 4Page - Infineon Technologies AG BSC0925ND Datasheet HTML 5Page - Infineon Technologies AG BSC0925ND Datasheet HTML 6Page - Infineon Technologies AG BSC0925ND Datasheet HTML 7Page - Infineon Technologies AG BSC0925ND Datasheet HTML 8Page - Infineon Technologies AG BSC0925ND Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BSC0925ND
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
870
1157
pF
Output capacitance
C oss
-
330
439
Reverse transfer capacitance
Crss
-
49
-
Turn-on delay time
t d(on)
-
4.7
-
ns
Rise time
t r
-
3.8
-
Turn-off delay time
t d(off)
-
17
-
Fall time
t f
-
3.0
-
Gate Charge Characteristics
6)
Gate to source charge
Q gs
-
2.4
3.2
nC
Gate charge at threshold
Q g(th)
-
1.4
-
Gate to drain charge
Q gd
-
2.2
2.9
Switching charge
Q sw
-
3.2
-
Gate charge total
Q g
-
6.7
8.9
Gate plateau voltage
V plateau
-
2.8
-
V
Gate charge total
Q g
V DD=15 V, I D=30 A,
V GS=0 to 10 V
-
13
17
nC
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 4.5 V
-
5.4
-
Output charge
Q oss
V DD=15 V, V GS=0 V
-
8.6
11
Reverse Diode
Diode continuous forward current
I S
-
-
30
A
Diode pulse current
I S,pulse
-
-
120
Diode forward voltage
V SD
V GS=0 V, I F=20 A,
T j=25 °C
-
0.87
1
V
Reverse recovery charge
Q rr
V R=15 V, I F=I S,
di F/dt =400 A/µs
-
5
-
nC
6) See figure 16 for gate charge parameter definition
T C=25 °C
Values
V GS=0 V, V DS=15 V,
f =1 MHz
V DD=15 V, V GS=10 V,
I D=20 A, R G,ext=1.6 W
V DD=15 V, I D=30 A,
V GS=0 to 4.5 V
Rev. 2.0
page 3
2013-07-30


Similar Part No. - BSC0925ND

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC0921NDI INFINEON-BSC0921NDI Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
BSC0921NDI INFINEON-BSC0921NDI Datasheet
759Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-07-30
BSC0921NDI INFINEON-BSC0921NDI_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
BSC0923NDI INFINEON-BSC0923NDI Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
BSC0923NDI INFINEON-BSC0923NDI Datasheet
756Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-07-30
More results

Similar Description - BSC0925ND

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC009NE2LS INFINEON-BSC009NE2LS Datasheet
738Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.3 2013-04-26
BSB013NE2LXI INFINEON-BSB013NE2LXI_13 Datasheet
609Kb / 11P
   OptiMOSTM Power-MOSFET
Rev. 2.4 2013-02-12
BSC050NE2LS INFINEON-BSC050NE2LS_13 Datasheet
835Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.3 2013-04-29
BSC032NE2LS INFINEON-BSC032NE2LS_13 Datasheet
761Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-04-29
BSC010NE2LS INFINEON-BSC010NE2LS_13 Datasheet
760Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-02-12
BSC014NE2LSI INFINEON-BSC014NE2LSI_13 Datasheet
744Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-04-26
BSC018NE2LSI INFINEON-BSC018NE2LSI Datasheet
682Kb / 10P
   OptiMOSTM Power-MOSFET
Rev.2.2 2013-04-29
BSC016N06NS INFINEON-BSC016N06NS_13 Datasheet
610Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.1 2013-01-29
BSC018NE2LS INFINEON-BSC018NE2LS_13 Datasheet
820Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-02-12
BSC011N03LS INFINEON-BSC011N03LS_13 Datasheet
752Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-05-14
BSF035NE2LQ INFINEON-BSF035NE2LQ Datasheet
910Kb / 11P
   OptiMOSTM Power-MOSFET
Rev. 1.3 2013-09-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com