Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH7120 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TH7120
Description  300 to 930MHz FSK/FM/ASK Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH7120 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TH7120 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TH7120
300 to 930MHz
FSK/FM/ASK Transceiver
3901007120
Page 8 of 28
Data Sheet
Rev. 005
Jan. 2002
PR
EL
IM
INA
RY
Stand-Alone Fixed-Frequency Operation
After power up the transceiver is set to fixed-frequency mode. In this mode, pins FS0/SDEN and FS1/LD
must be connected to VEE or VCC to set the desired frequency of operation. The logic levels at pins FS0/SDEN
and FS1/LD must not be changed after power up in order to remain in fixed-frequency mode. The default
settings of the control word bits in stand-alone mode are described in the frequency selection table.
Frequency Selection
Channel frequency
433.92 MHz
868.3 MHz
315 MHz
915 MHz
FS0/SDEN
10
1
0
FS1/LD
00
1
1
Reference oscillator frequency
7.1505 MHz
R counter ratio in RX mode
16
16
18
30
PFD frequency in RX mode
446.91 kHz
446.91 kHz
397.25 kHz
238.35 kHz
N/A counter ratio in RX mode
947
1919
766
3794
VCO frequency in RX mode
423.22 MHz
857.60 MHz
304.30 MHz
904.30 MHz
RX frequency
433.92 MHz
868.30 MHz
315.00 MHz
915.00 MHz
R counter ratio in TX mode
16
16
18
30
PFD frequency in TX mode
446.91 kHz
446.91 kHz
397.25 kHz
238.35 kHz
N/A counter ratio in TX mode
971
1943
793
3839
VCO frequency in TX mode
433.92 MHz
868.30 MHz
315.00 MHz
915.00 MHz
TX frequency
433.92 MHz
868.30 MHz
315.00 MHz
915.00 MHz
IF frequency in RX mode
10.7 MHz
10.7 MHz
10.7 MHz
10.7 MHz


Similar Part No. - TH7120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7121 ETC1-TH7121 Datasheet
710Kb / 28P
   300 to 930MHz FSK/FM/ASK Transceiver
logo
Melexis Microelectronic...
TH7122 MELEXIS-TH7122 Datasheet
872Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
TH71221 MELEXIS-TH71221 Datasheet
905Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
TH71221 MELEXIS-TH71221 Datasheet
2Mb / 44P
   FSK/FM/ASK Transceiver
TH71221ELQ MELEXIS-TH71221ELQ Datasheet
905Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
More results

Similar Description - TH7120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7121 ETC1-TH7121 Datasheet
710Kb / 28P
   300 to 930MHz FSK/FM/ASK Transceiver
logo
Melexis Microelectronic...
MLX71120 MELEXIS-MLX71120 Datasheet
707Kb / 30P
   300 to 930MHz FSK/FM/ASK Receiver
MLX71122 MELEXIS-MLX71122_16 Datasheet
2Mb / 59P
   300 to 930MHz FSK/FM/ASK Receiver
MLX71121 MELEXIS-MLX71121 Datasheet
665Kb / 28P
   300 to 930MHz FSK/FM/ASK Receiver
MLX71122 MELEXIS-MLX71122 Datasheet
882Kb / 44P
   300 to 930MHz FSK/FM/ASK Receiver
MLX71120 MELEXIS-MLX71120_17 Datasheet
1Mb / 30P
   300 to 930MHz FSK/FM/ASK Receiver
TH71221 MELEXIS-TH71221 Datasheet
905Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
TH7122 MELEXIS-TH7122 Datasheet
872Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
TH71221 MELEXIS-TH71221_15 Datasheet
2Mb / 44P
   FSK/FM/ASK Transceiver
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com