Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41863A7128A Datasheet(PDF) 6 Page - TDK Electronics

Part # B41863A7128A
Description  Aluminum electrolytic capacitors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41863A7128A Datasheet(HTML) 6 Page - TDK Electronics

Back Button B41863A7128A Datasheet HTML 2Page - TDK Electronics B41863A7128A Datasheet HTML 3Page - TDK Electronics B41863A7128A Datasheet HTML 4Page - TDK Electronics B41863A7128A Datasheet HTML 5Page - TDK Electronics B41863A7128A Datasheet HTML 6Page - TDK Electronics B41863A7128A Datasheet HTML 7Page - TDK Electronics B41863A7128A Datasheet HTML 8Page - TDK Electronics B41863A7128A Datasheet HTML 9Page - TDK Electronics B41863A7128A Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
003 = for crimped leads, blister (from
∅ 16 ... 18 mm)
004 = for J leads, blister (for all dimensions, excluding d
× l = 18 × 40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (for
∅ 10 ... 12.5 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (for
∅ 16 mm and d × l = 18 × 20 ...
18
× 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 ... 18 mm)
VR = 25 V DC
1000
10
× 20
1.264
0.158
0.136
875
B41863A5108A***
1200
12.5
× 20
0.784
0.098
0.085
1105
B41863A5128A***
1400
12.5
× 20
0.784
0.098
0.085
1105
B41863A5148A***
1800
12.5
× 25
0.712
0.089
0.078
1358
B41863A5188A***
2200
16
× 20
0.664
0.083
0.075
1895
B41863A5228A***
2500
16
× 20
0.664
0.083
0.075
1895
B41863A5258A***
3300
18
× 20
0.480
0.060
0.054
2190
B41863A5338A***
3900
18
× 25
0.400
0.050
0.045
2454
B41863A5398A***
4300
18
× 25
0.400
0.050
0.045
2454
B41863A5438A***
4700
18
× 25
0.400
0.050
0.045
2454
B41863A5478A***
5600
18
× 31.5
0.376
0.047
0.042
3178
B41863A5568A***
6800
18
× 35
0.320
0.040
0.036
3638
B41863A5688A***
8500
18
× 40
0.224
0.028
0.026
4164
B41863A5858A***
VR = 35 V DC
680
10
× 20
1.264
0.158
0.136
875
B41863A7687A***
820
12.5
× 20
0.784
0.098
0.085
1105
B41863A7827A***
1000
12.5
× 25
0.712
0.089
0.078
1358
B41863A7108A***
1000
16
× 20
0.664
0.083
0.075
1895
B41863B7108A***
1200
16
× 20
0.664
0.083
0.075
1895
B41863A7128A***
1600
16
× 20
0.664
0.083
0.075
1895
B41863A7168A***
2300
18
× 20
0.480
0.060
0.054
2190
B41863A7238A***
2700
18
× 25
0.400
0.050
0.045
2454
B41863A7278A***
3100
18
× 25
0.400
0.050
0.045
2454
B41863A7318A***
3900
18
× 31.5
0.376
0.047
0.042
3178
B41863A7398A***
4700
18
× 35
0.320
0.040
0.036
3638
B41863A7478A***
5600
18
× 40
0.224
0.028
0.026
4164
B41863A7568A***
6300
18
× 40
0.224
0.028
0.026
4164
B41863A7638A***
B41863
High CV value
105
°C
Page 6 of 25
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41863A7128A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41863A7128A000 EPCOS-B41863A7128A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B41863A7128A001 EPCOS-B41863A7128A001 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B41863A7128A012 EPCOS-B41863A7128A012 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
More results

Similar Description - B41863A7128A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com