Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT5320LL04R2455A Datasheet(PDF) 4 Page - YAGEO Corporation

Part # ANT5320LL04R2455A
Description  Ceramic Chip Antenna
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT5320LL04R2455A Datasheet(HTML) 4 Page - YAGEO Corporation

  ANT5320LL04R2455A Datasheet HTML 1Page - YAGEO Corporation ANT5320LL04R2455A Datasheet HTML 2Page - YAGEO Corporation ANT5320LL04R2455A Datasheet HTML 3Page - YAGEO Corporation ANT5320LL04R2455A Datasheet HTML 4Page - YAGEO Corporation ANT5320LL04R2455A Datasheet HTML 5Page - YAGEO Corporation ANT5320LL04R2455A Datasheet HTML 6Page - YAGEO Corporation ANT5320LL04R2455A Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.yageo.com
Jan. 25, 2013 V.0
WIRELESS COMPONENTS
Product specification
Ceramic Chip Antenna
4
7
YNH0081
Unit : mm
7
45
20
14
Bottom Layer / GND
Top Layer
Unit : mm
Matching Circuit
5.0
3.0
4.0
3.0
0.5
1.3
2.2
Fig. 3 Outlook and dimension of evaluation board
REFERENCE DESIGN OF EVALUATION BOARD
Fig. 4 Details of soldering Pad


Similar Part No. - ANT5320LL04R2455A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT5320LL07R1524A YAGEO-ANT5320LL07R1524A Datasheet
554Kb / 6P
   WIRELESS COMPONENTS
More results

Similar Description - ANT5320LL04R2455A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT6230LL01R1575A YAGEO-ANT6230LL01R1575A Datasheet
543Kb / 6P
   Ceramic Chip Antenna
ANT2012LL13R2400A YAGEO-ANT2012LL13R2400A Datasheet
574Kb / 6P
   Ceramic Chip Antenna
ANT5320LL24R2455A YAGEO-ANT5320LL24R2455A Datasheet
938Kb / 7P
   Ceramic Chip Antenna
ANT1204LL00R0918A YAGEO-ANT1204LL00R0918A Datasheet
569Kb / 6P
   Ceramic Chip Antenna
logo
Pulse A Technitrol Comp...
W3020 PULSE-W3020 Datasheet
2Mb / 3P
   Ceramic Chip Antenna
logo
YAGEO Corporation
ANT7020LL05R2400A YAGEO-ANT7020LL05R2400A Datasheet
489Kb / 6P
   Ceramic Chip Antenna
ANT5320LL24R2400A YAGEO-ANT5320LL24R2400A Datasheet
568Kb / 6P
   Ceramic Chip Antenna
ANT2112A010B0918A YAGEO-ANT2112A010B0918A Datasheet
708Kb / 7P
   Ceramic Chip Antenna
ANT1204LL05R0915A YAGEO-ANT1204LL05R0915A Datasheet
510Kb / 6P
   Ceramic Chip Antenna
ANT1204LL08R0870A YAGEO-ANT1204LL08R0870A Datasheet
600Kb / 6P
   Ceramic Chip Antenna
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com