Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPF1608LM07R2400A Datasheet(PDF) 2 Page - YAGEO Corporation

Part # BPF1608LM07R2400A
Description  Band Pass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

BPF1608LM07R2400A Datasheet(HTML) 2 Page - YAGEO Corporation

  BPF1608LM07R2400A Datasheet HTML 1Page - YAGEO Corporation BPF1608LM07R2400A Datasheet HTML 2Page - YAGEO Corporation BPF1608LM07R2400A Datasheet HTML 3Page - YAGEO Corporation BPF1608LM07R2400A Datasheet HTML 4Page - YAGEO Corporation BPF1608LM07R2400A Datasheet HTML 5Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.yageo.com
Feb. 27, 2013 V1
WIRELESS COMPONENTS
2
2
Product specification
Band Pass Filter
ORDERING INFORMATION
All part numbers are identified by the series, packing type, material, size,
antenna type, working frequency and packing quantity.
PART NUMBER
BPF 1608 LM 07 R 2400A
(1)
(2)
(3) (4)
(5)
(6)
(1) PRODUCT
BPF = BPF products
(2) SIZE
1608 = 1.6 × 0.8
(3) MATERIALS
Material Code LM
(4) TYPE
07 = Type 07
(5) PACKING STYLE
R = Tape and Reel
(6) WORKING FREQUENCY
2400 = 2.4GHz
PHYCOMP CTC
CFL4111515072454K
12NC
411151507245
FEATURES
Compact size design
RoHS compliant
APPLICATIONS
WLAN, 802.11a/b/g/n
Bluetooth
ISM Band


Similar Part No. - BPF1608LM07R2400A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A Datasheet
434Kb / 5P
   Band Pass Filter
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
More results

Similar Description - BPF1608LM07R2400A

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FIS-60 SYNERGY-FIS-60 Datasheet
192Kb / 2P
   BAND PASS FILTER
FBS-50 SYNERGY-FBS-50 Datasheet
330Kb / 2P
   BAND PASS FILTER
FBS-140 SYNERGY-FBS-140 Datasheet
399Kb / 3P
   band pass filter
FNS-400 SYNERGY-FNS-400 Datasheet
194Kb / 2P
   BAND PASS FILTER
FIS-50 SYNERGY-FIS-50 Datasheet
315Kb / 2P
   BAND PASS FILTER
logo
PCA ELECTRONICS INC.
EPB5017G PCA-EPB5017G Datasheet
25Kb / 1P
   Band Pass Filter
logo
Mini-Circuits
XBF-24 MINI-XBF-24 Datasheet
511Kb / 6P
   Band Pass Filter
logo
YAGEO Corporation
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A Datasheet
434Kb / 5P
   Band Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FIS-10.7 SYNERGY-FIS-10.7 Datasheet
192Kb / 2P
   BAND PASS FILTER
logo
YAGEO Corporation
BPF2012LM17R2400A YAGEO-BPF2012LM17R2400A Datasheet
372Kb / 5P
   Band Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FBS-30 SYNERGY-FBS-30 Datasheet
200Kb / 2P
   BAND PASS FILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com