Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP122AIDBVT Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP122AIDBVT
Description  1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP122AIDBVT Datasheet(HTML) 2 Page - Burr-Brown (TI)

  TMP122AIDBVT Datasheet HTML 1Page - Burr-Brown (TI) TMP122AIDBVT Datasheet HTML 2Page - Burr-Brown (TI) TMP122AIDBVT Datasheet HTML 3Page - Burr-Brown (TI) TMP122AIDBVT Datasheet HTML 4Page - Burr-Brown (TI) TMP122AIDBVT Datasheet HTML 5Page - Burr-Brown (TI) TMP122AIDBVT Datasheet HTML 6Page - Burr-Brown (TI) TMP122AIDBVT Datasheet HTML 7Page - Burr-Brown (TI) TMP122AIDBVT Datasheet HTML 8Page - Burr-Brown (TI) TMP122AIDBVT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TMP122, TMP124
2
SBOS272B
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply, V+ .................................................................................. 7V
Input Voltage(2) ....................................................................... –0.3V to 7V
Input Current ..................................................................................... 10mA
Operating Temperature Range ...................................... –55
°C to +150°C
Storage Temperature Range ......................................... –60
°C to +150°C
Junction Temperature (TJ Max) .................................................... +150°C
Lead Temperature (soldering) ....................................................... +300
°C
NOTES: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability. (2) Input voltage
rating applies to all TMP122 and TMP124 input voltages.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
TMP122
SOT23-6
DBV
–40
°C to +125°C
T122
TMP122AIDBVT
Tape and Reel, 250
""
""
"
TMP122AIDBVR
Tape and Reel, 3000
TMP124
SO-8
D
–40
°C to +125°C
T124
TMP124AID
Rails, 100
""
""
"
TMP124AIDR
Tape and Reel, 2500
PACKAGE/ORDERING INFORMATION
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PIN CONFIGURATIONS
Top View
SOT23-6
ALERT
GND
V+
SO/I
CS
SCK
1
2
3
6
5
4
TMP122
Top View
SO-8
SI/O
SC
NC
GND
V+
CS
NC
ALERT
1
2
3
4
8
7
6
5
TMP124
NC = No Connection


Similar Part No. - TMP122AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP122AIDBVT TI1-TMP122AIDBVT Datasheet
511Kb / 19P
[Old version datasheet]   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
TMP122AIDBVTG4 TI1-TMP122AIDBVTG4 Datasheet
511Kb / 19P
[Old version datasheet]   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
More results

Similar Description - TMP122AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122 TI1-TMP122_15 Datasheet
511Kb / 19P
[Old version datasheet]   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com