Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0504NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PF0504NL
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0504NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PF0504NL Datasheet HTML 1Page - Pulse A Technitrol Company PF0504NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
23
SPM2007 (11/07)
SMT POWER INDUCTORS
Unshielded Drum Core - PF0504NL Series
SUGGESTED PAD LAYOUT
.110
2,79REF
.490
12,45 REF
.115
2,92REF
PF0504.XXXNL
Date Code
Country of Origin
.600
15,24 MAX
.730
18,54
MAX
Dot locates
start lead
.005/0,13
.450
11,43 MAX
Mechanical
Schematic
Height: 11.43mm Max
Footprint: 18.54mm x 15.24mm Max
Current Rating: up to 20A
Inductance Range: 0.68µH to 150µH
260°C reflow peak temperature qualified
Leaded technology compatible
1
2
Weight . . . . . . . . . . .6.0 grams
Tape & Reel . . . . . . . .160/reel
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .004
0,10
Inductance 1
Inductance
Saturation Current 3
Heating Current 4
Part 5
@ Irated
Irated 2
DCR
@ 0ADC
ISAT
IDC
Number
(µH TYP)
(A)
(m
Ω MAX)
(µH ±20%)
(A)
(A)
PF0504.681NL
0.68
20.0
2.0
0.68
64
20.0
PF0504.122NL
1.2
17.7
2.6
1.2
48
17.7
PF0504.222NL
2.2
14.7
3.7
2.2
35
14.7
PF0504.332NL
3.3
13.7
4.3
3.3
29
13.7
PF0504.392NL
3.9
11.7
6.7
3.9
26
11.7
PF0504.472NL
4.7
10.8
6.9
4.7
24
10.8
PF0504.682NL
6.8
9.0
9.8
6.8
20
9.0
PF0504.103NL
10
7.1
15
10
16
7.1
PF0504.183NL
18
6.0
25
18
13
6.0
PF0504.223NL
22
5.4
27
22
11
5.4
PF0504.333NL
33
4.4
42
33
9
4.4
PF0504.403NL
40
4.0
50
40
8
4.0
PF0504.473NL
47
3.5
55
47
7
3.5
PF0504.104NL
100
2.3
153
100
5
2.3
PF0504.154NL
150
2
200
150
4
2
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +125°C 6
TAPE & REEL
LAYOUT
.742
18,85
.522
13,25
USER DIRECTION
OF FEED
.612
15,55
.945
24,00
1.732 ± .012
44,00 ± 0,30


Similar Part No. - PF0504NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0504 PULSE-PF0504 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PF0504.103NL PULSE-PF0504.103NL Datasheet
187Kb / 2P
   Unshielded Drum Core
PF0504.104NL PULSE-PF0504.104NL Datasheet
187Kb / 2P
   Unshielded Drum Core
PF0504.122NL PULSE-PF0504.122NL Datasheet
187Kb / 2P
   Unshielded Drum Core
PF0504.154NL PULSE-PF0504.154NL Datasheet
187Kb / 2P
   Unshielded Drum Core
More results

Similar Description - PF0504NL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com