Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4309.562NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA4309.562NLT
Description  Unshielded Drum Core Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4309.562NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA4309.562NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4309.562NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4309.562NLT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P757.A (02/15)
1
pulseelectronics.com
Unshielded Drum Core Inductor
PA4309.XXXNL & PA4310.XXXNL Series
Pulse Jack
E l e c t r o n i c s
Height: 7.0mm (PA4309) and 8.0mm (PA4310) Max
Footprint: 12.8 x 12.8 mm Max
Current Rating: 1A to 20A
Inductance Range: 1uH to 1000uH
Electrical Specifications @ 25°C — Operating Temperature -40°C to 125°C
1,2
3
Pulse Part Number
Inductance (uH)
Rated Current (A) Max
DC Resistance (m
Ω) Max
Package Size (mm)
PA4309.102NLT
1.0
20
19
PA4309.152NLT
1.5
20
22
PA4309.222NLT
2.2
20
27
PA4309.332NLT
3.3
19
30
PA4309.472NLT
4.7
15
38
PA4309.562NLT
5.6
14.5
40
PA4309.682NLT
6.8
13.5
42
PA4309.822NLT
8.2
11.5
48
PA4309.103NLT
10
11
52
PA4309.153NLT
15
9.3
68
PA4309.223NLT
22
7.5
98
PA4309.333NLT
33
6.2
135
PA4309.473NLT
47
5.2
182
PA4309.563NLT
56
4.6
236
PA4309.683NLT
68
4.2
298
12.8 x 12.8 x 7.0mm Max
PA4309.823NLT
82
3.9
326
PA4309.104NLT
100
3.5
405
PA4309.124NLT
120
3.2
452
PA4309.154NLT
150
2.8
605
PA4309.184NLT
180
2.6
735
PA4309.224NLT
220
2.3
885
PA4309.274NLT
270
2.12
985
PA4309.334NLT
330
1.9
1215
PA4309.394NLT
390
1.75
1485
PA4309.474NLT
470
1.6
1755
PA4309.564NLT
560
1.45
2241
PA4309.684NLT
680
1.32
2565
PA4309.824NLT
820
1.2
3510
PA4309.105NLT
1000
1.08
3915


Similar Part No. - PA4309.562NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4309 PULSE-PA4309 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
More results

Similar Description - PA4309.562NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
   Unshielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
   Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
PB2020.681NL PULSE-PB2020.681NL Datasheet
96Kb / 1P
   Unshielded Drum Core
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PG0016NL PULSE-PG0016NL Datasheet
458Kb / 2P
   Unshielded Drum Core ??PG0016NL Series
PF0580NL PULSE-PF0580NL Datasheet
156Kb / 2P
   Unshielded Drum Core - PF0580NL Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com