Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0083.332 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PG0083.332
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0083.332 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PG0083.332 Datasheet HTML 1Page - Pulse A Technitrol Company PG0083.332 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 5538070 •• Taiwan 886 3 4641811
www.pulseeng.com
58
SPM2006 (4/06)
SMT POWER INDUCTORS
Flat Coils - PG0083 Series
X
SUGGESTED PAD LAYOUT
.150 ± .005
3,80 ± 0,12
.091 ± .005
2,30 ± 0,12
2x
.299 ± .005
7,60 ± 0,12
.268
6,80 MAX
.268
6,80
MAX
Date Code
Country of Origin
XXX
Mechanical
Schematic
Part8
Inductance
Irated3
DCR (m
Ω)
Inductance
Saturation4
Heating5
Core Loss6
Number
@Irated
2
(A)
@0ADC
Current
Current IDC
Factor
(
μH TYP)
TYP
MAX
(
μH ±25%)
ISAT (A)
(A)
(K1)
(K2)
PG0083.401
0.32
17.5
3.0
3.2
0.40
27
17.5
2.25E-10
85.4
PG0083.601
0.48
15
4.5
4.8
0.60
21
15
2.25E-10
99.7
PG0083.102
0.80
12
6.6
7.2
1.0
17
12
2.25E-10
135.9
PG0083.182
1.44
8.0
15.6
16.0
1.8
13
8.0
2.25E-10
179.4
PG0083.232
1.84
7.0
17.5
18.0
2.3
11.5
7.5
2.25E-10
202.2
PG0083.332
2.64
5.5
26.6
27.5
3.3
9.5
5.8
2.25E-10
234.9
PG0083.472
3.76
4.5
36.6
38.0
4.7
8.0
4.5
2.25E-10
281.1
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +95°C 1
PG0083.401
.165/4,20
PG0083.601
.165/4,20
PG0083.102
.165/4,20
PG0083.182
.157/4,00
PG0083.232
.157/4,00
PG0083.332
.157/4,00
PG0083.472
.157/4,00
Part No.
Max. Height
“X” (in./mm)
Y
TAPE & REEL LAYOUT
.472
12,00
.280
7,10
.630 ± .012
16,00 ± 0,30
Height: 4.2mm Max
Footprint: 6.8mm x 6.8mm Max
Current Rating: up to 17.5A
Inductance Range: 0.32µH to 3.76µH
1
2
Weight..........................1.0 grams
Tape & Reel ..................1000/reel
T&R Height .................0.189/4,80
(“Y” - in./mm)
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
NOTE: To order RoHS compliant part, add the suffix “NL” to the part number (i.e. PG0083.401 becomes PG0083.401NL and PG0083.401T becomes PG0083.401NLT).


Similar Part No. - PG0083.332

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0083.332 PULSE-PG0083.332 Datasheet
85Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0083 Series
More results

Similar Description - PG0083.332

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com