Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4309.683NLT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA4309.683NLT
Description  Unshielded Drum Core Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4309.683NLT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA4309.683NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4309.683NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4309.683NLT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P757.A (02/15)
2
pulseelectronics.com
Unshielded Drum Core Inductor
PA4309.XXXNL & PA4310.XXXNL Series
Pulse Jack
E l e c t r o n i c s
Electrical Specifications @ 25°C — Operating Temperature -40°C to 125°C
NOTES:
1. Inductance tolerance is +/-30% for inductance values between 1uH and 8.2uH and +/-20% for values between
10uH and 680uH.
2. Inductance is measured at 100kHz, 250mV
3. The rated current as listed is the rms or heating current that the part can withstand with acceptable temperature
rise in typical applications. At the listed current the inductance typically drops to 85%-90% of the no load value
when measured at 25�C. The inductance is guaranteed to be greater than 65% of the no load inductance value
when measured at 25�C.
4. The temperature of the component (ambient plus temperature rise) must be within the stated operating
temperature.
5. Parts come in tape and reel packaging. Pulse complies with industry standard tape and reel specification EIA481.
The tape and reel for this product has a width (W=24mm) and pitch (P=16mm).
Pulse Part Number
Inductance (uH)
Rated Current (A) Max
DC Resistance (m
Ω) Max
Package Size (mm)
PA4310.102NLT
1
20
16
PA4310.152NLT
1.5
20
18
PA4310.222NLT
2.2
20
20
PA4310.332NLT
3.3
20
26
PA4310.472NLT
4.7
17
28
PA4310.562NLT
5.6
16
30
PA4310.682NLT
6.8
14
32
PA4310.822NLT
8.2
13
36
PA4310.103NLT
10
12
37
PA4310.153NLT
15
9
63
PA4310.223NLT
22
7
82
PA4310.333NLT
33
6.5
109
PA4310.473NLT
47
5
160
PA4310.563NLT
56
4.8
191
PA4310.683NLT
68
4.3
225
12.8 x 12.8 x 8.0mm Max
PA4310.823NLT
82
4
285
PA4310.104NLT
100
3.5
310
PA4310.124NLT
120
3.2
380
PA4310.154NLT
150
3
430
PA4310.184NLT
180
2.7
570
PA4310.224NLT
220
2.5
660
PA4310.274NLT
270
2.1
830
PA4310.334NLT
330
1.8
941
PA4310.394NLT
390
1.7
1170
PA4310.474NLT
470
1.6
1430
PA4310.564NLT
560
1.5
1680
PA4310.684NLT
680
1.4
1999
PA4310.824NLT
820
1.2
2630
PA4310.105NLT
1000
1.1
3600


Similar Part No. - PA4309.683NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4309 PULSE-PA4309 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
More results

Similar Description - PA4309.683NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
   Unshielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
   Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
PB2020.681NL PULSE-PB2020.681NL Datasheet
96Kb / 1P
   Unshielded Drum Core
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PG0016NL PULSE-PG0016NL Datasheet
458Kb / 2P
   Unshielded Drum Core ??PG0016NL Series
PF0580NL PULSE-PF0580NL Datasheet
156Kb / 2P
   Unshielded Drum Core - PF0580NL Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com