Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62222 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62222
Description  400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62222 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62222 Datasheet HTML 7Page - Texas Instruments TPS62222 Datasheet HTML 8Page - Texas Instruments TPS62222 Datasheet HTML 9Page - Texas Instruments TPS62222 Datasheet HTML 10Page - Texas Instruments TPS62222 Datasheet HTML 11Page - Texas Instruments TPS62222 Datasheet HTML 12Page - Texas Instruments TPS62222 Datasheet HTML 13Page - Texas Instruments TPS62222 Datasheet HTML 14Page - Texas Instruments TPS62222 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
PFM Mode at Light Load
Comparator High
Comparator Low
Comparator Low 2
PWM Mode at Medium to Full Load
1.6%
0.8%
VO
DYNAMIC VOLTAGE POSITIONING
DIGITAL SELF-CALIBRATION
SOFT START
LOW DROPOUT OPERATION 100% DUTY CYCLE
TPS62220, TPS62221, TPS62222
TPS62223, TPS62224
TPS62228, TPS62229
SLVS491C – SEPTEMBER 2003 – REVISED SEPTEMBER 2004
DETAILED DESCRIPTION (continued)
Figure 14. Power-Save Mode Thresholds and Dynamic Voltage Positioning
The converter enters the fixed frequency PWM mode again as soon as the output voltage falls below the comp
low 2 threshold.
As described in the power-save mode operation sections and as detailed in Figure 14, the output voltage is
typically 0.8% above the nominal output voltage at light load currents, as the device is in power-save mode. This
gives additional headroom for the voltage drop during a load transient from light load to full load. During a load
transient from full load to light load, the voltage overshoot is also minimized due to active regulation by turning on
the N-channel rectifier switch.
In addition to the control circuit as shown in the block diagram, the TPS6222x series uses an internal digital
self-calibration of the output voltage to minimize DC load and line regulation. This method of self-calibration
allows simple internal loop compensation without the use of external components. The device monitors the
output voltage and as soon as the output voltage drops below typically 1.6% or exceeds typically 1.6% of Vout
the duty cycle will be adjusted in digital steps. As a result, the output voltage changes in digital steps either up or
down where one step is typically 1% of Vout. This results in virtually zero line and load regulation and keeps the
output voltage tolerance within
±3% overload and line variations.
The TPS6222x has an internal soft-start circuit that limits the inrush current during start-up. This prevents
possible voltage drops of the input voltage in case a battery or a high impedance power source is connected to
the input of the TPS6222x. The soft start is implemented as a digital circuit increasing the switch current in steps
of typically 83 mA,167 mA, 335 mA and then the typical switch current limit of 670 mA. Therefore, the start-up
time mainly depends on the output capacitor and load current.
The TPS6222x offers a low input to output voltage difference, while still maintaining operation with the 100% duty
cycle mode. In this mode, the P-channel switch is constantly turned on. This is particularly useful in
battery-powered applications to achieve longest operation time by taking full advantage of the whole battery
voltage range. The minimum input voltage to maintain regulation, depending on the load current and output
voltage, can be calculated as
11


Similar Part No. - TPS62222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62222 TI-TPS62222 Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62222 TI-TPS62222 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62222DDC TI-TPS62222DDC Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62222DDC TI-TPS62222DDC Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62222DDCR TI-TPS62222DDCR Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results

Similar Description - TPS62222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_07 Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com