Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62220DDC Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62220DDC
Description  400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62220DDC Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62220DDC Datasheet HTML 2Page - Texas Instruments TPS62220DDC Datasheet HTML 3Page - Texas Instruments TPS62220DDC Datasheet HTML 4Page - Texas Instruments TPS62220DDC Datasheet HTML 5Page - Texas Instruments TPS62220DDC Datasheet HTML 6Page - Texas Instruments TPS62220DDC Datasheet HTML 7Page - Texas Instruments TPS62220DDC Datasheet HTML 8Page - Texas Instruments TPS62220DDC Datasheet HTML 9Page - Texas Instruments TPS62220DDC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
1000
VO = 3.3 V,
L = 4.7
µH,
CO = 10 µF
VI = 3.7 V
VI = 5 V
IL - Load Current - mA
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
1000
VO = 1.8 V,
L = 4.7
µH,
CO = 22 µF
VI = 2.7 V
VI = 5 V
IL - Load Current - mA
VI = 3.7 V
TPS62220, TPS62221, TPS62222
TPS62223, TPS62224
TPS62228, TPS62229
SLVS491C – SEPTEMBER 2003 – REVISED SEPTEMBER 2004
Table of Graphs
FIGURE
Figure 1,
vs Load current
Figure 2,
η
Efficiency
Figure 3
vs Input voltage
Figure 4
IQ
No load quiescent current
vs Input voltage
Figure 5
fs
Switching frequency
vs Temperature
Figure 6
Vo
Output voltage
vs Output current
Figure 7
rds(on) - P-channel switch,
vs Input voltage
Figure 8
rds(on)
rds(on) - N-Channel rectifier switch
vs Input voltage
Figure 9
Load transient response
Figure 10
PWM mode operation
Figure 11
Power-save mode operation
Figure 12
Start-up
Figure 13
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
6


Similar Part No. - TPS62220DDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62220DDC TI-TPS62220DDC Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220DDC TI-TPS62220DDC Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220DDCR TI-TPS62220DDCR Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220DDCR TI-TPS62220DDCR Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220DDCRG4 TI-TPS62220DDCRG4 Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results

Similar Description - TPS62220DDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_07 Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com