Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP05BRT-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # TMP05BRT-REEL
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP05BRT-REEL Datasheet(HTML) 1 Page - Analog Devices

  TMP05BRT-REEL Datasheet HTML 1Page - Analog Devices TMP05BRT-REEL Datasheet HTML 2Page - Analog Devices TMP05BRT-REEL Datasheet HTML 3Page - Analog Devices TMP05BRT-REEL Datasheet HTML 4Page - Analog Devices TMP05BRT-REEL Datasheet HTML 5Page - Analog Devices TMP05BRT-REEL Datasheet HTML 6Page - Analog Devices TMP05BRT-REEL Datasheet HTML 7Page - Analog Devices TMP05BRT-REEL Datasheet HTML 8Page - Analog Devices TMP05BRT-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
±0.5°C Accurate PWM
Temperature Sensor in 5-Lead SC-70
TMP05/TMP06
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Modulated serial digital output, proportional to
temperature
±0.5°C accuracy at 25°C
±1.0°C accuracy from 25°C to 70°C
Two grades available
Operation from −40°C to +150°C
Operation from 3 V to 5.5 V
Power consumption 70 µW maximum at 3.3 V
CMOS/TTL-compatible output on TMP05
Flexible open-drain output on TMP06
Small, low cost 5-lead SC-70 and SOT-23 packages
APPLICATIONS
Isolated sensors
Environmental control systems
Computer thermal monitoring
Thermal protection
Industrial process control
Power-system monitors
GENERAL DESCRIPTION
The TMP05/TMP06 are monolithic temperature sensors that
generate a modulated serial digital output (PWM), which varies
in direct proportion to the temperature of the devices. The high
period (TH) of the PWM remains static over all temperatures,
while the low period (TL) varies. The B Grade version offers a
higher temperature accuracy of ±1°C from 0°C to 70°C with
excellent transducer linearity. The digital output of the TMP05/
TMP06 is CMOS/TTL compatible, and is easily interfaced to
the serial inputs of most popular microprocessors. The flexible
open-drain output of the TMP06 is capable of sinking 5 mA.
The TMP05/TMP06 are specified for operation at supply
voltages from 3 V to 5.5 V. Operating at 3.3 V, the supply current
is typically 370 µA. The TMP05/TMP06 are rated for operation
over the –40°C to +150°C temperature range. It is not recom-
mended to operate these devices at temperatures above 125°C
for more than a total of 5% (5,000 hours) of the lifetime of the
devices. They are packaged in low cost, low area SC-70 and
SOT-23 packages.
FUNCTIONAL BLOCK DIAGRAM
VDD
TMP05/TMP06
OUT
CONV/IN
FUNC
GND
1
3
5
4
TEMPERATURE
SENSOR
REFERENCE
CLK AND
TIMING
GENERATION
OUTPUT
CONTROL
AVERAGING
BLOCK /
COUNTER
2
Σ-∆
CORE
Figure 1.
The TMP05/TMP06 have three modes of operation: continu-
ously converting mode, daisy-chain mode, and one shot mode.
A three-state FUNC input determines the mode in which the
TMP05/TMP06 operate.
The CONV/IN input pin is used to determine the rate with
which the TMP05/TMP06 measure temperature in continu-
ously converting mode and one shot mode. In daisy-chain
mode, the CONV/IN pin operates as the input to the daisy
chain.
PRODUCT HIGHLIGHTS
1.
The TMP05/TMP06 have an on-chip temperature sensor
that allows an accurate measurement of the ambient
temperature. The measurable temperature range is –40°C
to +150°C.
2.
Supply voltage is 3.0 V to 5.5 V.
3.
Space-saving 5-lead SOT-23 and SC-70 packages.
4.
Temperature accuracy is typically ±0.5°C. The part needs a
decoupling capacitor to achieve this accuracy.
5.
0.025°C temperature resolution.
6.
The TMP05/TMP06 feature a one shot mode that reduces
the average power consumption to 102 µW at 1 SPS.


Similar Part No. - TMP05BRT-REEL

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TMP057-059-32-36 TRANSCOM-TMP057-059-32-36 Datasheet
18Kb / 1P
   5 W GaAs PA PCB Module for 5.8 GHz Application
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results

Similar Description - TMP05BRT-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com