Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2204GUL Datasheet(PDF) 9 Page - Rohm

Part # BD2204GUL
Description  Power Supply Selector Switch IC for SD Cards
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2204GUL Datasheet(HTML) 9 Page - Rohm

Back Button BD2204GUL Datasheet HTML 5Page - Rohm BD2204GUL Datasheet HTML 6Page - Rohm BD2204GUL Datasheet HTML 7Page - Rohm BD2204GUL Datasheet HTML 8Page - Rohm BD2204GUL Datasheet HTML 9Page - Rohm BD2204GUL Datasheet HTML 10Page - Rohm BD2204GUL Datasheet HTML 11Page - Rohm BD2204GUL Datasheet HTML 12Page - Rohm BD2204GUL Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
.
9/23
BD2204GUL
TSZ02201-0GDG0H300050-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
25.Sep.2015 Rev.003
TSZ22111
• 15 • 001
www.rohm.com
Typical Performance Curves - continued
0
100
200
300
400
500
2
3
4
5
SUPPLY VOLTAGE : VIN1[V]
0
100
200
300
400
500
-50
0
50
100
AMBIENT TEMPERATURE : Ta[°C]
0
20
40
60
80
100
2
3
4
5
SUPPLY VOLTAGE : VIN1[V]
0
20
40
60
80
100
-50
0
50
100
AMBIENT TEMPERATURE : Ta[°C]
Figure 24. Output rise time2
Ta=25°C
VIN1=3.3V
VIN2=1.8V
Figure 25. Output rise time2
Ta=25°C
Figure 22. Output fall time1DISC
VIN1=3.3V
VIN2=1.8V
Figure 23. Output fall time1 DISC
RL=10
Ω
RL=10
Ω
CL=1
μF
CL=1
μF


Similar Part No. - BD2204GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL-E2 ROHM-BD2204GUL-E2 Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
More results

Similar Description - BD2204GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
logo
Advanced Analogic Techn...
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
   Power Supply Selector Switch
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
   Power Supply Selector Switch
logo
Apacer Technology Inc.
SD-R1 APACER-SD-R1 Datasheet
915Kb / 3P
   SD memory cards
logo
STMicroelectronics
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
Apacer Technology Inc.
SD-R1-M APACER-SD-R1-M Datasheet
792Kb / 5P
   SD memory cards
logo
Panasonic Semiconductor
MN63154 PANASONIC-MN63154 Datasheet
32Kb / 4P
   EEPROM for IC Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com