Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2363FV Datasheet(PDF) 2 Page - Rohm

Part # BU2363FV
Description  Clock Generator for Audio/Video Equipment
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2363FV Datasheet(HTML) 2 Page - Rohm

  BU2363FV_15 Datasheet HTML 1Page - Rohm BU2363FV_15 Datasheet HTML 2Page - Rohm BU2363FV_15 Datasheet HTML 3Page - Rohm BU2363FV_15 Datasheet HTML 4Page - Rohm BU2363FV_15 Datasheet HTML 5Page - Rohm BU2363FV_15 Datasheet HTML 6Page - Rohm BU2363FV_15 Datasheet HTML 7Page - Rohm BU2363FV_15 Datasheet HTML 8Page - Rohm BU2363FV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
BU2363FV
2/19
TSZ02201-0E3E0J500690-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
04.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Pin Configuration
FSEL
CLK768FS
CLK384FS
L
33.8688MHz
16.9344MHz
OPEN
36.8640MHz
18.4320MHz
Pin Descriptions
(Note) Basically, mount ICs to the printed circuit board for use. (If the ICs are not mounted to the printed circuit board, the characteristics of ICs may not be fully
demonstrated.)
Mount 0.1µF capacitors in the vicinity of the IC PINs between PIN 1 (VDD2) and PIN 2 (VSS2), PIN 5 (AVDD) and PIN 6 (AVSS), PIN 11 (DVSS) and PIN 12
(DVDD), respectively.
Depending on the conditions of the printed circuit board, mount an additional electrolytic capacitor between the power supply and GND terminal.
For EMI protection, it is effective to put ferrite beads in the origin of power to be supplied to the BU2363FV from the board or to insert a capacitor (of not more
than 1
), which bypasses high frequency desired, between the power supply and the GND.
Pin No.
Pin Name
Pin Function
1
VDD2
27MHz, 54MHz power supply
2
VSS2
27MHz, 54MHzGND
3
CLK54M
54.0000MHz output
4
CLK27M
27.0000MHz output
5
AVDD
Analog power supply
6
AVSS
Analog GND
7
XTALIN
Crystal input terminal
8
XTALOUT
Crystal output terminal
9
384FS2
FSEL=OPEN:18.4320MHz, FSEL=L:16.9344MHz
10
768FS1
FSEL=OPEN:36.8640MHz, FSEL=L:33.8688MHz
11
DVSS
Digital GND
12
DVDD
Digital power supply
13
CLK16M
16.9344MHz output
14
FSEL
PIN 9, 10 output selection(with pull-up)
OPEN:18.4320MHz(PIN 9), 36.8640MHz(PIN 10)
L:16.9344MHz(PIN 9), 33.8688MHz(PIN 10)
15
CLK33M
33.8688MHz output
16
OE
Output enable (with pull-up), OPEN: enable, L: disable
TOP VIEW
1:VDD2
16:OE
2:VSS2
15:CLK33M
3:CLK254M
14:FSEL
4:CLK27M
13:CLK16M
5:AVDD
12:DVDD
6:AVSS
11:DVSS
7:XTALIN
10:768FS1
8:XTALOUT
9:384FS2


Similar Part No. - BU2363FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2363FVFV-E2 ROHM-BU2363FVFV-E2 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
More results

Similar Description - BU2363FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com