Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2505FV-E2 Datasheet(PDF) 5 Page - Rohm

Part # BU2505FV-E2
Description  10bit 4ch/6ch D/A Converters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2505FV-E2 Datasheet(HTML) 5 Page - Rohm

  BU2505FV-E2 Datasheet HTML 1Page - Rohm BU2505FV-E2 Datasheet HTML 2Page - Rohm BU2505FV-E2 Datasheet HTML 3Page - Rohm BU2505FV-E2 Datasheet HTML 4Page - Rohm BU2505FV-E2 Datasheet HTML 5Page - Rohm BU2505FV-E2 Datasheet HTML 6Page - Rohm BU2505FV-E2 Datasheet HTML 7Page - Rohm BU2505FV-E2 Datasheet HTML 8Page - Rohm BU2505FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/17
BU2507FV BU2508FV
TSZ02201-0RLR0GZ10150-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
11.Dec.2015 Rev.001
www.rohm.co.jp
TSZ22111・15・001
Timing Characteristics(Unless otherwise specified, VCC=5V, VrefH=5V, VrefL=0V, TA=25°C)
Parameter
Symbol
Limits
Unit
Conditions
Min
Typ
Max
The voltage levels of the measured time
points are 20% or 80% of VCC.
Reset L pulse width
tRTL
50
-
-
ns
-
Clock L pulse width
tCKL
50
-
-
-
Clock H pulse width
tCKH
50
-
-
-
Clock rise time
tcr
-
-
50
-
Clock fall time
tcf
-
-
50
-
Data setup time
tDCH
20
-
-
-
Data hold time
tCHD
40
-
-
-
Load setup time
tCHL
50
-
-
-
Load hold time
tLDC
50
-
-
-
Load H pulse width
tLDH
50
-
-
-
D/A output settling time
tLDD
-
7
20
μs
CL≤100pF
(Note 5), VO: 0.5V↔4.5V
The time interval from the start time to
change an output voltage to the time at
which the output voltage reaches to its
final value within 1/2 LSB.
(Note 5) A capacitor should be placed between the analog output and ground in order to eliminate noise.
A capacitance up to 100pF is recommended (including the capacitance of the wire).
Applicational information
LD input
The LD input is a level trigger signal. When LD=H, an internal shift register value is loaded into a latch. It doesn’t
have to be cared whether CLK is H or L when LD changes to H. However CLK must not be changed while LD is H.
The shift register values pass through the latches if LD=H and CLK is toggled.
Power-on operation
The BU2507FV and the BU2508FV does not have a power-on reset function. Therefore, after power-on, data in
the internal registers are unknown. When RESET changes from H to L, all latch outputs turn into L, although the
shift registers are not reset.
Pull-down resister
Pin 4 is pulled up internally. If putting the external pull-down resister on it, the recommended value is less than
1kΩ.
Truth Table
L
H
Pin 4: RESET
Reset
Normal
CLK
DI
LD
Output
tCKL
tcr
tCKH
tcf
tDCH
tCHD
tCHL
tLDH
tLDC
tLDD
RESET
tRTL


Similar Part No. - BU2505FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
More results

Similar Description - BU2505FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BH2227FV ROHM-BH2227FV_15 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
logo
Asahi Kasei Microsystem...
AK8432 AKM-AK8432 Datasheet
1Mb / 46P
   6CH 10bit 40MSPS횞3
logo
Rohm
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BH2227FV ROHM-BH2227FV_09 Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
logo
Asahi Kasei Microsystem...
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com