Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4051BCFVF-E2 Datasheet(PDF) 1 Page - Rohm

Part # BU4051BCFVF-E2
Description  8ch Analog Multiplexer/Demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4051BCFVF-E2 Datasheet(HTML) 1 Page - Rohm

  BU4051BCFVF-E2 Datasheet HTML 1Page - Rohm BU4051BCFVF-E2 Datasheet HTML 2Page - Rohm BU4051BCFVF-E2 Datasheet HTML 3Page - Rohm BU4051BCFVF-E2 Datasheet HTML 4Page - Rohm BU4051BCFVF-E2 Datasheet HTML 5Page - Rohm BU4051BCFVF-E2 Datasheet HTML 6Page - Rohm BU4051BCFVF-E2 Datasheet HTML 7Page - Rohm BU4051BCFVF-E2 Datasheet HTML 8Page - Rohm BU4051BCFVF-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/17
TSZ02201-0RDR0GZ00280-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Jan.2015 Rev.001
TSZ22111 • 14 • 001
www.rohm.com
General Purpose CMOS Logic IC
8ch Analog Multiplexer/Demultiplexer
BU4051BC BU4051BCF BU4051BCFV
General Description
The BU4051BC, BU4051BCF, BU4051BCFV are
multiplexers/demultiplexers with capabilities of selection
and mixture of analog signal and digital signal.
This
series
are
configured
with
8channels
input/output.The digital signal of the control terminal
turns on the corresponding switch of each channel. The
large amplitude voltage (VDD-VEE) can be switched by
the control signal with small logical amplitude voltage
(VDD-VSS).
Features
Low Power Consumption
Wide Operating Supply Voltage
High Input Impedance
Truth Table
Key Specifications
Operating Supply Voltage Range:
3V to 18V
Input Voltage Range(Control):
VSS to VDD
Input/Output Voltage Range(switch):
VEE to VDD
Operating Temperature Range:
-40°C to +85°C
Packages
W(Typ) x D(Typ) x H(Max)
DIP16
19.40mm x 6.50mm x 7.95mm
SOP16
10.00mm x 6.20mm x 1.71mm
SSOP-B16
5.00mm x 6.40mm x 1.35mm
CONTROL
ON SWITCH
INHIBIT
A
B
C
L
L
L
L
X0
L
H
L
L
X1
L
L
H
L
X2
L
H
H
L
X3
L
L
L
H
X4
L
H
L
H
X5
L
L
H
H
X6
L
H
H
H
X7
H
Don’t Care
Don’t Care
Don’t Care
NONE
DIP16
SOP16
SSOP-B16
Datasheet


Similar Part No. - BU4051BCFVF-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4051BCFV ROHM-BU4051BCFV Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
BU4051BCFV ROHM-BU4051BCFV Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCFV ROHM-BU4051BCFV Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCFV-E2 ROHM-BU4051BCFV-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCFV-E2 ROHM-BU4051BCFV-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4051BCFVF-E2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com