Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4069UB Datasheet(PDF) 10 Page - Rohm

Part # BU4069UB
Description  Quad 2-Input Hex Inverter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4069UB Datasheet(HTML) 10 Page - Rohm

Back Button BU4069UB_13 Datasheet HTML 6Page - Rohm BU4069UB_13 Datasheet HTML 7Page - Rohm BU4069UB_13 Datasheet HTML 8Page - Rohm BU4069UB_13 Datasheet HTML 9Page - Rohm BU4069UB_13 Datasheet HTML 10Page - Rohm BU4069UB_13 Datasheet HTML 11Page - Rohm BU4069UB_13 Datasheet HTML 12Page - Rohm BU4069UB_13 Datasheet HTML 13Page - Rohm BU4069UB_13 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Datasheet
Datasheet
10/14
TSZ02201-0RDR1GZ00050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
09.Aug.2013 Rev.001
www.rohm.com
TSZ22111・15・001
BU4069UB
BU4069UBF
BU4069UBFV
Ordering Information
B
U
4
0
6
9
U
B
x
x
-
E 2
Part Number.
Package
None : DIP14
F
: SOP14
FV
: SSOP-B14
Packaging and forming specification
None : Tube
E2
: Embossed tape and reel
Marking Diagrams
SOP14(TOP VIEW)
BU4069UBF
Part Number Marking
LOT Number
1PIN MARK
DIP14 (TOP VIEW)
BU40 69 UB
Part Number Marking
LOT Number
SSOP-B14(TOP VIEW)
4069U
Part Number Marking
LOT Number
1PIN MARK


Similar Part No. - BU4069UB_13

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4069UB-E2 ROHM-BU4069UB-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4069UBF ROHM-BU4069UBF Datasheet
48Kb / 4P
   Hex inverter
BU4069UBF ROHM-BU4069UBF Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4069UBF-E2 ROHM-BU4069UBF-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4069UBFE2 ROHM-BU4069UBFE2 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4069UB_13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00 Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
74C00 FAIRCHILD-74C00 Datasheet
63Kb / 1P
   QUAD TWO-INPUT NAND GATE HEX INVERTER
logo
National Semiconductor ...
MM54C00 NSC-MM54C00 Datasheet
146Kb / 6P
   Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Fairchild Semiconductor
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
   Hex Inverter with Schmitt Trigger Input
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com