Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU52077GWZ Datasheet(PDF) 11 Page - Rohm

Part # BU52077GWZ
Description  Omnipolar Detection Hall IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52077GWZ Datasheet(HTML) 11 Page - Rohm

Back Button BU52077GWZ Datasheet HTML 7Page - Rohm BU52077GWZ Datasheet HTML 8Page - Rohm BU52077GWZ Datasheet HTML 9Page - Rohm BU52077GWZ Datasheet HTML 10Page - Rohm BU52077GWZ Datasheet HTML 11Page - Rohm BU52077GWZ Datasheet HTML 12Page - Rohm BU52077GWZ Datasheet HTML 13Page - Rohm BU52077GWZ Datasheet HTML 14Page - Rohm BU52077GWZ Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/16
TSZ02201-0M2M0F414010-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Aug.2014 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU52077GWZ
Slide-by Position Sensing
Figure 20 depicts the slide-by configuration employed for position sensing. Note that when the gap (d) between the magnet
and the Hall IC is narrowed, the reverse magnetic field generated by the magnet can cause the IC to malfunction. As seen
in Figure 21, the magnetic field runs in opposite directions at Point A and Point B. Since the dual output omnipolar detection
Hall IC can detect the S-pole at Point A and the N-pole at Point B, the sensor can switch the output ON as the magnet
slides by in the process of position detection. Figure 22 plots magnetic flux density during the magnet slide-by. Although a
reverse magnetic field was generated in the process, the magnetic flux density decreases compared with the center of the
magnet. This demonstrates that slightly widening the gap (d) between the magnet and Hall IC reduces the reverse
magnetic field and prevents malfunctions.
Position of the Hall Element
(Reference)
Footprint Dimensions
(Optimize footprint dimensions to the board design and soldering condition)
I/O Equivalence Circuit
Symbol
Reference
value
e
0.40
b3
φ
0.20
SD
0.20
SE
0.20
-10.0
-5.0
0.0
5.0
10.0
0
2
4
6
8
10
Horizontal Distance from the Magnet
[mm]
The Hall ICs output pins are configured for CMOS (inverter)
output removing the need for external resistance and allow
direct connection to the host. Removing the need for external
resistors allows for reduction of the current that would
otherwise flow to the external resistor during magnetic field
detection thereby supporting an overall lower current
(micropower) operation.
GND
VDD
OUT1, OUT2
Figure 23
L
Figure 20
d
Magnet
Hall IC
Slide
Reverse
Figure 22. Magnetic Flux Density vs Horizontal
Distance from the Magnet
Figure 21
B
S
A
N
Flux
Flux
(UNIT: mm)
0.40
0.40
0.25
UCSP35L1
e
SD
b3
UCSP35L1
(UNIT:mm)


Similar Part No. - BU52077GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52075GWZ-E2 ROHM-BU52075GWZ-E2 Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52078GWZ-E2 ROHM-BU52078GWZ-E2 Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results

Similar Description - BU52077GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52274NUZ ROHM-BU52274NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52494NUZ ROHM-BU52494NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52092GWZ ROHM-BU52092GWZ Datasheet
1Mb / 17P
   Omnipolar Detection Hall IC
BU52058GWZ ROHM-BU52058GWZ Datasheet
840Kb / 18P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com