Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU52177GXZ-E2 Datasheet(PDF) 1 Page - Rohm

Part # BU52177GXZ-E2
Description  Omnipolar Detection Hall IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52177GXZ-E2 Datasheet(HTML) 1 Page - Rohm

  BU52177GXZ-E2 Datasheet HTML 1Page - Rohm BU52177GXZ-E2 Datasheet HTML 2Page - Rohm BU52177GXZ-E2 Datasheet HTML 3Page - Rohm BU52177GXZ-E2 Datasheet HTML 4Page - Rohm BU52177GXZ-E2 Datasheet HTML 5Page - Rohm BU52177GXZ-E2 Datasheet HTML 6Page - Rohm BU52177GXZ-E2 Datasheet HTML 7Page - Rohm BU52177GXZ-E2 Datasheet HTML 8Page - Rohm BU52177GXZ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/16
TSZ02201-0M2M0F415010-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
25.Jul.2016 Rev.002
TSZ22111
• 14 • 001
www.rohm.com
Omnipolar Detection Hall IC
(Dual Outputs for both S and N Pole Polarity Detection)
BU52177GXZ
General Description
The BU52177GXZ is omnipolar Hall IC incorporating a
polarity determination circuit that enables separate
operation (output) of both the South and North poles.
This Hall IC product can be in tablets, smart phones, and
other applications in order to detect open and close of
the cover.
And this Hall IC product can be in digital video cameras
and other applications involving display panels in order to
detect the front/back location or determine the rotational
direction of the panel.
Features
Omnipolar Detection (Polarity Detection for both S
and N Poles with Separate, Dual Outputs)
Micro Power Operation (Small Current Using
Intermittent Operation Method)
Ultra-compact CSP4 Package (XCSP30L1)
Polarity Judgment and Separate Output on both
Poles
(OUT1=S-pole Output; OUT2=N-pole Output)
Applications
Tablets, Smart Phones, Notebook Computers,
Digital Video Cameras, Digital Still Cameras, etc.
Key Specifications
VDD Voltage Range:
1.65V to 3.6V
Operate Point:
±15.0mT(Typ)
Hysteresis:
0.9mT(Typ)
Period:
50ms(Typ)
Supply Current (AVG):
5.0µA (Typ)
Output Type:
CMOS
Operating Temperature Range:
-40°C to +85°C
Package
W(Typ) x D(Typ) x H(Max)
XCSP30L1
0.65mm x 0.65mm x 0.33mm
Typical Application Circuit, Block Diagram, Pin Configurations and Pin Descriptions
Pin No.
Pin Name
Function
A1
GND
Ground
A2
OUT2
Output (React to the north pole)
B1
VDD
Power supply
B2
OUT1
Output (React to the south pole)
(BOTTOM VIEW)
(TOP VIEW)
A1
B2
B1
A2
A2
B2
B1
A1
The CMOS output terminals
enable direct connection to
the PC, with no external
pull-up resistor required.
Adjust the bypass capacitor value
as necessary, according to voltage
noise conditions, etc.
0.1µF
GND
×
OUT1
OUT2
GND
HALL
ELEMENT
B2
VDD
A1
A2
B1
VDD
TIMING
LOGIC
Datasheet


Similar Part No. - BU52177GXZ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL ROHM-BU52001GUL Datasheet
194Kb / 6P
   Hall effect Switch
BU52001GUL ROHM-BU52001GUL Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52001GUL ROHM-BU52001GUL Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
More results

Similar Description - BU52177GXZ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52077GWZ ROHM-BU52077GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52274NUZ ROHM-BU52274NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52494NUZ ROHM-BU52494NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52092GWZ ROHM-BU52092GWZ Datasheet
1Mb / 17P
   Omnipolar Detection Hall IC
BU52058GWZ ROHM-BU52058GWZ Datasheet
840Kb / 18P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com