Electronic Components Datasheet Search |
|
S24B12H150BG3 Datasheet(PDF) 11 Page - Vicor Corporation |
|
S24B12H150BG3 Datasheet(HTML) 11 Page - Vicor Corporation |
11 / 15 page 24V Mini Family Rev 4.9 vicorpower.com Page 11 of 15 01/2016 800 927.9474 24V Input Disable Disable = PC <2.3V +Out +S SC –S –Out +In PC PR –In Figure 2 — Module enable/disable +OUT +S SC –S – OUT +IN PC PR –IN Input Undervoltage 2-20 ms typ. f (VIN) Auto Restart 5.7 Vdc (0-3 mA) 50 SW2 SW3 1.23 Vdc 6 K 1 K SW1 SW1, 2, & 3 shown in "Fault" position Input Overvoltage (See Note 1) Overtemperature Module Faults 1 Not applicable for 300 Vdc input family 1 M Figure 3 — PC/SC module alarm logic Figure 4 — LED on-state indicator 4k "Module Enabled" +Out +S SC –S –Out +In PC PR –In 2–20 ms typ. Fault SC PC 1.23 V 5.7 V 40 s typ. Figure 5 — PC/SC module alarm timing Optocoupler +Out +S SC –S –Out +In PC PR –In 4 k Alarm 1.00V +Out +S SC –S –Out +In PC PR –In Figure 6 — Isolated on-state indicator Figure 7 — Secondary side on-state indicator Module Enable/Disable The module may be disabled by pulling PC to 0V (2.3V max) with respect to the –Input. This may be done with an open collector transistor, relay, or optocoupler. Converters may be disabled with a single transistor or relay either directly or via “OR’ing” diodes for 2 or more converters. See Figure 2. Primary Auxiliary Supply During normal operation only, the PC Pin can source 5.7V @ 1.5mA. In the example shown in Figure 4, PC powers a module enabled LED. Module Alarm The module contains “watchdog” circuitry which monitors input voltage, operating temperature and internal operating parame- ters. In the event that any of these parameters are outside of their allowable operating range, the module will shut down and PC will go low. PC will periodically go high and the module will check to see if the fault (as an example, Input Undervoltage) has cleared. If the fault has not been cleared, PC will go low again and the cycle will restart. The SC pin will go low in the event of a fault and return to its normal state after the fault has been cleared. See Figures 3 and 5. Primary Control - PC PIN |
Similar Part No. - S24B12H150BG3 |
|
Similar Description - S24B12H150BG3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |