Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SMDJ
Description  Plastic Case Material has UL Flammability Classification Rating 94V-O
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SMDJ Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SMDJ Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMDJ Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMDJ Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMDJ Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMDJ Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMDJ Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data
Green Products
Data Sheet N1696, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SMDJ SERIES
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMDJ SERIES SURFACE MOUNT
TRANSIENT VOLTAGE SUPPRESSOR
Features:
Glass Passivated Die Construction
3000W Peak Pulse Power Dissipation
5.0V- 170V Standoff Voltage
Uni- and Bi-Directional Versions Available
High temperature soldering guaranteed: 260°C/40 seconds at terminals
Low profile package
Plastic Case Material has UL Flammability Classification Rating 94V-O
Mechanical Data:
Case: JEDEC DO-214AB Low Profile Molded Plastic
Terminals: Solder Plated , Solderable per MIL-STD 750, Method 2026
Polarity: Cathode Band or Cathode Notch
Weight:0.21 grams(approx.)
Mechanical Dimensions:In Inches(mm)
SMC
SMC/DO-214AB
Dim.
Min.
Max.
Min.
Max.
A
5.59
6.22
0.220
0.245
B
6.60
7.11
0.260
0.280
C
2.75
3.25
0.108
0.128
D
0.152
0.305
0.006
0.012
E
7.75
8.25
0.305
0.325
F
2.00
2.95
0.079
0.116
G
0.051
0.203
0.002
0.008
H
0.76
1.60
0.030
0.063
In mm
In inch


Similar Part No. - SMDJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Jiangsu High diode Semi...
SMDJ HDSEMI-SMDJ Datasheet
1Mb / 6P
   SMC Plastic-Encapsulate Diodes
logo
Socay Electornics Co., ...
SMDJ SOCAY-SMDJ Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMDJ LITTELFUSE-SMDJ Datasheet
195Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
More results

Similar Description - SMDJ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMBJ SMC-SMBJ Datasheet
277Kb / 8P
   Plastic Case Material has UL Flammability Classification Rating 94V-O
logo
Nanjing International G...
5.0SMDJ12 DGNJDZ-5.0SMDJ12 Datasheet
102Kb / 4P
   Plastic material has UL flammability classification 94V-O
logo
Sangdest Microelectroni...
SDURF3020 SMC-SDURF3020 Datasheet
206Kb / 5P
   Plastic Material has UL Flammability Classification 94V-O
MUR3020WT SMC-MUR3020WT Datasheet
260Kb / 6P
   Plastic Material has UL Flammability Classification 94V-O
logo
Kersemi Electronic Co.,...
MBR1680FCT KERSEMI-MBR1680FCT Datasheet
1Mb / 2P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
MBR1650FCT KERSEMI-MBR1650FCT Datasheet
1Mb / 2P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
logo
Diodes Incorporated
ZMM5234B-7 DIODES-ZMM5234B-7 Datasheet
82Kb / 5P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
logo
Sangdest Microelectroni...
R1A SMC-R1A Datasheet
145Kb / 4P
   Plastic Case Material has UL Flammability Classication Rating 94V-0
logo
SEMTECH ELECTRONICS LTD...
1.5KE SEMTECH_ELEC-1.5KE Datasheet
528Kb / 4P
   Plastic package has UL flammability Classification 94V-0
logo
First Silicon Co., Ltd
GBU4A FS-GBU4A Datasheet
158Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com