Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF4L6.0A Datasheet(PDF) 6 Page - Littelfuse

Part # SMF4L6.0A
Description  TVS Diodes Surface Mount ??400W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMF4L6.0A Datasheet(HTML) 6 Page - Littelfuse

  SMF4L6.0A Datasheet HTML 1Page - Littelfuse SMF4L6.0A Datasheet HTML 2Page - Littelfuse SMF4L6.0A Datasheet HTML 3Page - Littelfuse SMF4L6.0A Datasheet HTML 4Page - Littelfuse SMF4L6.0A Datasheet HTML 5Page - Littelfuse SMF4L6.0A Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TVS Diodes
Surface Mount – 400W > SMF4L Series
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/02/16
Part Numbering System
V
R VOLTAGE
5%
V
BR VOLTAGE TOLERANCE
SMF4L xx A
SERIES
Part Marking System
Packaging Options
Part number
Component
Package
Quantity
Packaging Option
Packaging
Specification
SMF4LXXX
SOD-123FL
3000
Tape & Reel – 8mm tape/7” reel
EIA RS-481
XX
Marking Code
e Band
d
o
h
t
a
C
LF
YM
Trace Code Marking
Y:Year Code
M: Month Code
Cathode
Tape and Reel Specification
0.31
(8.0)
0.157
(4.0)
0.157
(4.0)
0.33
(8.5)
0.80 (20.2)
Arbor Hole Dia.
Optional
7” 7.0 (178)
13” 13.0 (330)
Dimensions are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape


Similar Part No. - SMF4L6.0A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF4L6.0A LUGUANG-SMF4L6.0A Datasheet
2Mb / 3P
   Transient Voltage Suppressors
SMF4L6.0A LUGUANG-SMF4L6.0A Datasheet
404Kb / 3P
   Transient Voltage Suppressor
SMF4L6.0A LUGUANG-SMF4L6.0A Datasheet
404Kb / 3P
   Transient Voltage Suppressor
20210428-P1
logo
Bourns Electronic Solut...
SMF4L6.0A BOURNS-SMF4L6.0A Datasheet
187Kb / 6P
   SMF4L Transient Voltage Suppressor Diode Series
REV. 12/21
SMF4L6.0A-Q BOURNS-SMF4L6.0A-Q Datasheet
209Kb / 6P
   SMF4L-Q Transient Voltage Suppressor Diode Series
REV. 12/21
More results

Similar Description - SMF4L6.0A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SZ1SMA LITTELFUSE-SZ1SMA Datasheet
794Kb / 7P
   TVS Diodes Surface Mount > 400W > SZ1SMA Series
Revised: GD. 12/18/20
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
   400W Peak Power Surface Mount TVS
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
   3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shanghai Leiditech Elec...
P4SMA LEIDITECH-P4SMA Datasheet
1Mb / 7P
   Surface Mount ??400W
P4SMFJ LEIDITECH-P4SMFJ Datasheet
3Mb / 7P
   Surface Mount - 400W
01.06.2019
logo
Sirectifier Global Corp...
N502AT23 SIRECT-N502AT23 Datasheet
261Kb / 3P
   300W Surface Mount TVS Diodes
logo
RFE international
SMXJ60 RFE-SMXJ60 Datasheet
91Kb / 1P
   SURFACE MOUNT TVS & Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com