Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF4L30A Datasheet(PDF) 4 Page - Littelfuse

Part # SMF4L30A
Description  TVS Diodes Surface Mount ??400W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMF4L30A Datasheet(HTML) 4 Page - Littelfuse

  SMF4L30A Datasheet HTML 1Page - Littelfuse SMF4L30A Datasheet HTML 2Page - Littelfuse SMF4L30A Datasheet HTML 3Page - Littelfuse SMF4L30A Datasheet HTML 4Page - Littelfuse SMF4L30A Datasheet HTML 5Page - Littelfuse SMF4L30A Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TVS Diodes
Surface Mount – 400W > SMF4L Series
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/02/16
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted) (Continued)
0
0.4
0.5
0.6
0.7
0.8
0.9
-551075140
Temperature (ºC)
Figure 5 - Forward Voltage
Figure 3 - Peak Pulse Power Derating Curve
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
Figure 4 - Pulse Waveform - 10/1000µS
0
20
40
60
80
100
0255075
100
125
175
150
T
J - Initial Junction Temperature (ºC)
1
10
100
1000
10000
110100
VBR -Reverse Breakdown Voltage (V)
Uni-directional V=0v
Uni-directional V=
V
R
Figure 6 - Typical Junction Capacitance
0.01
0.1
1
10
00.5
11.5
22.5
33.5
4
VF-Peak Forward Voltage(V)
Figure 7 - Peak Forward Voltage Drop vs. Peak Forward
Current
0
5
10
15
20
25
30
35
110100
Number of Cycles at 60 Hz
Figure 8 - Maximum Non-Repetitive Forward Surge
Current Uni-Directional Only


Similar Part No. - SMF4L30A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF4L30A LUGUANG-SMF4L30A Datasheet
2Mb / 3P
   Transient Voltage Suppressors
SMF4L30A LUGUANG-SMF4L30A Datasheet
404Kb / 3P
   Transient Voltage Suppressor
SMF4L30A LUGUANG-SMF4L30A Datasheet
404Kb / 3P
   Transient Voltage Suppressor
20210428-P1
logo
Bourns Electronic Solut...
SMF4L30A BOURNS-SMF4L30A Datasheet
187Kb / 6P
   SMF4L Transient Voltage Suppressor Diode Series
REV. 12/21
logo
Anova Technologies CO.,...
SMF4L30A;MK;SOD-123 ANOVA-SMF4L30A;MK;SOD-123 Datasheet
330Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMF4L30A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SZ1SMA LITTELFUSE-SZ1SMA Datasheet
794Kb / 7P
   TVS Diodes Surface Mount > 400W > SZ1SMA Series
Revised: GD. 12/18/20
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
   400W Peak Power Surface Mount TVS
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
   3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shanghai Leiditech Elec...
P4SMA LEIDITECH-P4SMA Datasheet
1Mb / 7P
   Surface Mount ??400W
P4SMFJ LEIDITECH-P4SMFJ Datasheet
3Mb / 7P
   Surface Mount - 400W
01.06.2019
logo
Sirectifier Global Corp...
N502AT23 SIRECT-N502AT23 Datasheet
261Kb / 3P
   300W Surface Mount TVS Diodes
logo
RFE international
SMXJ60 RFE-SMXJ60 Datasheet
91Kb / 1P
   SURFACE MOUNT TVS & Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com