Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S26KS512S Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # S26KS512S
Description  512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S26KS512S Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button S26KS512S Datasheet HTML 7Page - Cypress Semiconductor S26KS512S Datasheet HTML 8Page - Cypress Semiconductor S26KS512S Datasheet HTML 9Page - Cypress Semiconductor S26KS512S Datasheet HTML 10Page - Cypress Semiconductor S26KS512S Datasheet HTML 11Page - Cypress Semiconductor S26KS512S Datasheet HTML 12Page - Cypress Semiconductor S26KS512S Datasheet HTML 13Page - Cypress Semiconductor S26KS512S Datasheet HTML 14Page - Cypress Semiconductor S26KS512S Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
S26KL512S / S26KS512S
S26KL256S / S26KS256S
S26KL128S / S26KS128S
Document Number: 001-99198 Rev. *F
Page 11 of 98
4.
HyperBus Protocol
All bus transactions can be classified as either read or write. A bus transaction is started with CS# going Low with CK = Low and
CK# = High. The transaction to be performed is presented to the HyperFlash device during the first three clock cycles in a DDR
manner using all six clock edges. These first three clocks transfer three words of Command / Address (CA0, CA1, CA2) information
to define the transaction characteristics:
 Read or write transaction.
 Whether the transaction will be to the memory array or to register space.
– Although the HyperBus protocol provides for slave devices that have both memory and register address spaces, HyperFlash
memories described in this specification do not differentiate between memory and registers as separate address spaces.
There is a single address space selected by any transaction, independent of whether the transaction indicates the target
location is in memory space or register space. Write transactions always place the transaction address and data into a a
command register set (buffer). Read transactions return data from the memory array or from a register address space window
that has been temporarily overlaid within the single address space by the execution of commands. The single address space
with register space overlays methodology is backward compatible with legacy parallel NOR Flash memory program and erase
software drivers.
 Whether a transaction will use a linear or wrapped burst sequence.
– HyperFlash write transactions do not support burst sequence and ignore the burst type indication. Write command
transactions transfer a single word per write. Only the Word Program command write data transfer may be done with a linear
burst at up to 50 MHz.
 The target half-page address (row and upper order column address).
 The target Word (within half-page) address (lower order column address).
Once the transaction has been defined, a number of idle clock cycles are used to satisfy any read latency requirements before data
is transferred. Once the target data has been transferred the HyperBus master host completes the transaction by driving CS# High
with CK = Low and CK# = High. Data is transferred as 16-bit values with the first eight bits (15-8) transferred on a High going CK
(write data or CA bits) or RWDS edge (read data) and the second eight bits (7-0) being transferred on the Low going CK or RWDS
edge. Data transfers during read or write operations can be ended at any time by bringing CS# High when CK = Low and
CK# = High. Read data is edge aligned with RWDS transitions and Write data is center aligned with clock edges.


Similar Part No. - S26KS512S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S26 FAIRCHILD-S26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
List of Unclassifed Man...
S26 ETC2-S26 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
S26 RFE-S26 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
List of Unclassifed Man...
S2600B ETC-S2600B Datasheet
94Kb / 3P
   HIGH VOLTAGE MEDIUM CURRENT SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
S2600B NJSEMI-S2600B Datasheet
74Kb / 2P
   High Voltage, Medium Current Silicon Controlled Rectifiers
More results

Similar Description - S26KS512S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com