Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL512T11DHAyyx Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # S29GL512T11DHAyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512T11DHAyyx Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button S29GL512T11DHAyyx Datasheet HTML 6Page - Cypress Semiconductor S29GL512T11DHAyyx Datasheet HTML 7Page - Cypress Semiconductor S29GL512T11DHAyyx Datasheet HTML 8Page - Cypress Semiconductor S29GL512T11DHAyyx Datasheet HTML 9Page - Cypress Semiconductor S29GL512T11DHAyyx Datasheet HTML 10Page - Cypress Semiconductor S29GL512T11DHAyyx Datasheet HTML 11Page - Cypress Semiconductor S29GL512T11DHAyyx Datasheet HTML 12Page - Cypress Semiconductor S29GL512T11DHAyyx Datasheet HTML 13Page - Cypress Semiconductor S29GL512T11DHAyyx Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 10 of 105
S29GL01GT, S29GL512T
The sector address supplied during the Secure Silicon Entry command selects the Flash Memory Array sector that is overlaid by the
Secure Silicon Region address map. The SSR is overlaid starting at location 0 in the selected sector. Use of the sector 0 address is
recommended for future compatibility. While the SSR ASO is entered the content of all other sectors is memory core data for read
operations. Program is not allowed outside of ASO.
2.6
Sector Protection Control
2.6.1
Lock Register ASO
The Lock register ASO contains a single word of OTP memory. When the ASO is entered the Lock Register appears at all word
locations in the device address space. However, it is recommended to read or program the Lock Register only at location 0 of the
device address space for future compatibility.
2.6.2
Persistent Protection Bits (PPB) ASO
The PPB ASO contains one bit of a Flash Memory Array for each Sector in the device. When the PPB ASO is entered, the PPB bit
for a sector appears in the Least Significant Bit (LSB) of each address in the sector. Reading any address in a sector displays data
where the LSB indicates the non-volatile protection status for that sector. However, it is recommended to read or program the PPB
only at address 0 of the sector for future compatibility. If the bit is 0 the sector is protected against programming and erase
operations. If the bit is 1 the sector is not protected by the PPB. The sector may be protected by other features of ASP.
2.6.3
PPB LOCK ASO
The PPB Lock ASO contains a single bit of volatile memory. The bit controls whether the bits in the PPB ASO may be programmed
or erased. If the bit is 0 the PPB ASO is protected against programming and erase operations. If the bit is 1 the PPB ASO is not
protected. When the PPB Lock ASO is entered the PPB Lock bit appears in the least significant bit (LSB) of each address in the
device address space. However, it is recommended to read or program the PPB Lock only at address 0 of the device for future
compatibility.
2.6.4
Password ASO
The Password ASO contains four words of OTP memory. When the ASO is entered the Password appears starting at address 0 in
the device address space. All locations above the fourth word are undefined.
2.6.5
Dynamic Protection Bits (DYB) ASO
The DYB ASO contains one bit of a volatile memory array for each Sector in the device. When the DYB ASO is entered, the DYB bit
for a sector appears in the least significant bit (LSB) of each address in the sector. Reading any address in a sector displays data
where the LSB indicates the non-volatile protection status for that sector. However, it is recommended to read, set, or clear the DYB
only at address 0 of the sector for future compatibility. If the bit is 0 the sector is protected against programming and erase
operations. If the bit is 1 the sector is not protected by the DYB. The sector may be protected by other features of ASP.
Table 2.4 Secure Silicon Region
Word Address Range
Byte Address Range
Content
Region
Size
(SA) + 0000h to 00FFh
(SA) + 0000h to 01FFh
Factory Locked Secure Silicon Region
SSR0
512 bytes
(SA) + 0100h to 01FFh
(SA) + 0200h to 03FFh
Customer Locked Secure Silicon Region
SSR1
512 bytes
(SA) + 0200h to 02FFh
(SA) + 0400h to 05FFh
Customer Locked Secure Silicon Region
SSR2
512 bytes
(SA) + 0300h to 03FFh
(SA) + 0600h to 07FFh
Customer Locked Secure Silicon Region
with Read Password
SSR3
512 bytes
(SA) + 0400h to FFFFh
(SA) + 0800h to 1FFFFh
Undefined
n/a
126 kbytes


Similar Part No. - S29GL512T11DHAyyx

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Similar Description - S29GL512T11DHAyyx

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com