Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24B36M150B2 Datasheet(PDF) 10 Page - Vicor Corporation

Part # V24B36M150B2
Description  DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24B36M150B2 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button V24B36M150B2 Datasheet HTML 6Page - Vicor Corporation V24B36M150B2 Datasheet HTML 7Page - Vicor Corporation V24B36M150B2 Datasheet HTML 8Page - Vicor Corporation V24B36M150B2 Datasheet HTML 9Page - Vicor Corporation V24B36M150B2 Datasheet HTML 10Page - Vicor Corporation V24B36M150B2 Datasheet HTML 11Page - Vicor Corporation V24B36M150B2 Datasheet HTML 12Page - Vicor Corporation V24B36M150B2 Datasheet HTML 13Page - Vicor Corporation V24B36M150B2 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
24V Mini Family
Rev 4.9
vicorpower.com
Page 10 of 15
01/2016
800 927.9474
24V Input
+IN
PC
PR
–IN
+OUT
+S
SC
–S
–OUT
C3*
4.7nF
C2*
4.7nF
For C1 – C5, keep leads and connections short.
C5*
4.7nF
C4*
4.7nF
F1*
C1*
0.2µF
Figure 1 — Basic module operation requires fusing, grounding, bypassing capacitors.* See Maxi, Mini, Micro Design Guide.
Basic Module Operation
Comprehensive Online Application Information
The Design Guide and Applications Manual includes:
Application circuits
Design requirements
EMC considerations
Current sharing in power arrays
Thermal performance information
Recommended soldering methods
Accessory modules – filtering, rectification, front-ends
Mounting options
...and more.
Also at vicorpower.com
PowerBench online configurators
Over 20 Application Notes
Online calculators – thermal, trimming, hold-up
PDF data sheets for ALL Vicor products
CLICK HERE TO VIEW
DESIGN GUIDE


Similar Part No. - V24B36M150B2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24B36T200BL VICOR-V24B36T200BL Datasheet
851Kb / 15P
   DC-DC Converter Module
More results

Similar Description - V24B36M150B2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com