Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24A12C400BG Datasheet(PDF) 5 Page - Vicor Corporation

Part # V24A12C400BG
Description  DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24A12C400BG Datasheet(HTML) 5 Page - Vicor Corporation

  V24A12C400BG Datasheet HTML 1Page - Vicor Corporation V24A12C400BG Datasheet HTML 2Page - Vicor Corporation V24A12C400BG Datasheet HTML 3Page - Vicor Corporation V24A12C400BG Datasheet HTML 4Page - Vicor Corporation V24A12C400BG Datasheet HTML 5Page - Vicor Corporation V24A12C400BG Datasheet HTML 6Page - Vicor Corporation V24A12C400BG Datasheet HTML 7Page - Vicor Corporation V24A12C400BG Datasheet HTML 8Page - Vicor Corporation V24A12C400BG Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
24V Maxi Family
Rev 6.6
vicorpower.com
Page 5 of 15
01/2016
800 927.9474
24V Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S24A6V5C400BL (enhanced efficiency)
85.0
86.1
%
Nominal input; full load; 25°C
V24A6V5C400BL (standard efficiency)
85.0
86.1
Ripple and noise
220
275
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
7.7
7.98
8.26
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
9.2
10.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Output Current
0
61.5
Amps
Current limit
62.7
70.7
83.1
Amps
Output voltage 95% of nominal
Short circuit current
43
70.7
83.1
Amps
Output voltage <250mV
6.5VOUT, 400W (e.g. S24A6V5C400BL, V24A6V5C400BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S24A8C300BL (enhanced efficiency)
85.6
86.5
%
Nominal input; full load; 25°C
V24A8C300BL (standard efficiency)
85.6
86.5
Ripple and noise
215
269
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
9.36
9.7
10.1
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
8.7
13.9
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
37.5
Amps
Current limit
38.2
43.1
50.7
Amps
Output voltage 95% of nominal
Short circuit current
26.2
43.1
50.7
Amps
Output voltage <250mV
8VOUT, 300W (e.g. S24A8C300BL, V24A8C300BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S24A12C400BL (enhanced efficiency)
86.0
89.5
%
Nominal input; full load; 25°C
V24A12C400BL (standard efficiency)
87.0
88.3
Ripple and noise
250
320
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
6.8
10.2
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
33.33
Amps
Current limit
34
38.4
43.5
Amps
Output voltage 95% of nominal
Short circuit current
23.3
38.4
43.5
Amps
Output voltage <250mV
12VOUT, 400W (e.g. S24A12C400BL, V24A12C400BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S24A12C500B (enhanced efficiency)
86.7
88.2
%
Nominal input; full load; 25°C
V24A12C500BL (standard efficiency)
86.0
87.5
Ripple and noise
272
340
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
13.8
14.3
14.8
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
10.8
12.0
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
41.67
Amps
Current limit
42.5
47.9
56.3
Amps
Output voltage 95% of nominal
Short circuit current
29.2
47.9
56.3
Amps
Output voltage <250mV
12VOUT, 500W (e.g. S24A12C500B, V24A12C500BL)


Similar Part No. - V24A12C400BG

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A12C400BG2 VICOR-V24A12C400BG2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V24A12C400BG3 VICOR-V24A12C400BG3 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
More results

Similar Description - V24A12C400BG

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com