Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ431 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ431
Description  Adjustable Accurate Reference Source
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ431 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ431 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Encapsulate Adjustable Reference Source
CJ431 Adjustable Accurate Reference Source
FEATURES
The output voltage can be adjusted to 36V
Low dynamic output impedance ,its typical value is 0.2Ω
Trapping current capability is 1 to 100mA
The typical value of the equivalent temperature factor in the
whole temperature scope is 50 ppm/
The effective temperature compensation in the working
range of full temperature
Low output noise voltage
Fast on -state response
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
V
U
Cathode Voltage
VKA
37
V
Cathode Current Range (Continuous)
IKA
-100-+150
mA
Reference lnput Current Range
Iref
0.05-+10
mA
Power Dissipation
PD
770
mW
Storage
Temperature Range
Tstg
-65
~+150
ELECTRICAL CHARACTERISTICS (Ta=25 unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
T
yp
M
ax
U
nit
Reference lnput Voltage
Vref
VKA=VREF, IKA=10mA
2.4
75
2.5
2.5
25
V
Deviation of
Reference Input Voltage
Over
Temperature (note)
V
ref /T
VKA =VREF, IKA =10mA
4.5
17
mV
V
KA
=10V~VREF
-1.0
-2.7
mV/V
Ratio Of Change in Reference lnput
Voltage to the
Change in Cathode
Voltage
V
ref /V
KA
IKA=10mA
VKA
=36V~10V
-0.5
-2.0
mV/V
Reference lnput Current
lref
IKA= 10mA,R1=10
kΩ
R2=∞
1.5
4
μA
Deviation Of Reference lnput Current
Over Full Temperature Range
l
ref /T
lKA=10mA, R1=10
kΩ
R2=∞
0.4
1.2
μA
Minimum
Cathode Current for
Regulation
IKA(min)
VKA=VREF
0.45
1.0
mA
Off-state
Cathode Current
IKA(OFF)
VKA=36V ,VREF=0
0.05
1.0
μA
Dynamic lmpedance
ZKA
VKA=VREF, lKA=1 to 100mA
f≤1.0
kHz
0.15
0.5
Note:TMIN=-25
,TMAX=+
85
CLASSIFICATION
Vref
Rank
0.5%
1%
Range
2.487-2.513
2.475-2.525
TO-92
1.REFERENCE
2.ANODE
3.CATHODE
Thermal Resistance from Junction to Ambient
RθJA
162
℃/W
A,Dec,2010
Operating
Ambient Temperature Range
Topr
-25~+85
Operating
Junction Temperature
Tj
150
JC T
www.cj-elec.com
1
J,Aug,2016
TMIN≤Ta≤TMAX
TA=-25 to 85℃


Similar Part No. - CJ431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ431 ETC-CJ431 Datasheet
1Mb / 2P
   ADJUSTABLE ACCURATE REFERENCE SOURCE
logo
Jiangsu Changjiang Elec...
CJ431 JIANGSU-CJ431 Datasheet
138Kb / 2P
   Adjustable Accurate Reference Source
CJ431 JIANGSU-CJ431 Datasheet
109Kb / 2P
   Adjustable Accurate Reference Source
CJ431 JIANGSU-CJ431 Datasheet
47Kb / 1P
   Adjustable Accurate Reference Source
logo
Nanjing International G...
CJ431 DGNJDZ-CJ431 Datasheet
8Mb / 6P
   Adjustable Accurate Reference Source
More results

Similar Description - CJ431

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
   Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
   Adjustable Accurate Reference Source
logo
Guangdong Kexin Industr...
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
   Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CJ431K JIANGSU-CJ431K Datasheet
839Kb / 6P
   Adjustable Accurate Reference Source
CK431K JIANGSU-CK431K Datasheet
1Mb / 5P
   Adjustable Accurate Reference Source
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
   Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
   Adjustable Accurate Reference Source
logo
List of Unclassifed Man...
CJ431 ETC-CJ431 Datasheet
1Mb / 2P
   ADJUSTABLE ACCURATE REFERENCE SOURCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com