Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJT1117-2.5 Datasheet(PDF) 6 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJT1117-2.5
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJT1117-2.5 Datasheet(HTML) 6 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJT1117-2.5 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJT1117-2.5 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJT1117-2.5 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJT1117-2.5 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJT1117-2.5 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJT1117-2.5 Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJT1117-2.5 Datasheet HTML 7Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJT1117-2.5 Datasheet HTML 8Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
1A LOW DROPOUT LINEAR REGULATOR
ELECTRICAL CHARACTERISTICS
Operating Conditions: VIN≤10V, TJ=25
℃ unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Reference Voltage
CJ1117-ADJ IOUT=10mA, VIN -VOUT =2V,
10mA≤IOUT≤1A, 1.4V≤VIN -VOUT ≤8V,
P≤ Maximum power Dissipation
1.238
1.225
1.250
1.250
1.262
1.270
V
CJ1117-1.5,IOUT=10mA, VIN=3.5V
10mA≤IOUT≤1A, 3.0V≤VIN ≤10V
1.485
1.470
1.5
1.5
1.515
1.530
V
CJ1117-1.8, IOUT=10mA, VIN=3.8V
10mA≤IOUT≤1A, 3.2V≤VIN ≤10V
1.782
1.746
1.8
1.8
1.818
1.854
V
CJ1117-2.5, IOUT=10mA, VIN=4.5V
10mA≤IOUT≤1A, 3.9V≤VIN ≤10V
2.475
2.450
2.5
2.5
2.525
2.550
V
CJ1117-3.3, IOUT=10mA, VIN=5.0V
10mA≤IOUT≤1A, 4.75V≤VIN ≤10V
3.267
3.235
3.3
3.3
3.333
3.365
V
Output Voltage
CJ1117-5.0, IOUT=10mA, VIN=7.0V
10mA≤IOUT≤1A, 6.5V≤VIN ≤12V
4.950
4.900
5.0
5.0
5.050
5.100
V
CJ1117-ADJ
IOUT=10mA, 1.5V≤VIN -VOUT ≤10V
0.035
0.2
%
CJ1117-1.5
IOUT=10mA, 1.5V≤VIN -VOUT ≤10V
1
6
mV
CJ1117-1.8
IOUT=10mA, 1.5V≤VIN -VOUT ≤10V
1
6
mV
CJ1117-2.5
IOUT=10mA, 1.5V≤VIN -VOUT ≤10V
1
6
mV
CJ1117-3.3
IOUT=10mA, 1.5V≤VIN -VOUT ≤10V
1
6
mV
Line Regulation
CJ1117-5.0
IOUT=10mA, 1.5V≤VIN -VOUT ≤10V
1
10
mV
CJ1117-ADJ
VIN-VOUT=2V, 10mA≤IOUT ≤1A
0.2
0.4
%
CJ1117-1.5
VIN-VOUT=2V, 10mA≤IOUT ≤1A
1
10
mV
CJ1117-1.8
VIN-VOUT=2V, 10mA≤IOUT ≤1A
1
10
mV
CJ1117-2.5
VIN-VOUT=2V, 10mA≤IOUT ≤1A
1
10
mV
CJ1117-3.3
VIN-VOUT=2V, 10mA≤IOUT ≤1A
1
10
mV
Load Regulation
CJ1117-5.0
VIN-VOUT=2V, 10mA≤IOUT ≤1A
1
15
mV
A,May,2011


Similar Part No. - CJT1117-2.5

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJT1117-2.5 ZPSEMI-CJT1117-2.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJT1117-2.5 ZPSEMI-CJT1117-2.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJT1117-2.5 ZPSEMI-CJT1117-2.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJT1117-2.5 ZPSEMI-CJT1117-2.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJT1117-2.5 ZPSEMI-CJT1117-2.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - CJT1117-2.5

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com