Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF2060CL Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # SRF2060CL
Description  Plastic Dual Schottky Barrier Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SRF2060CL Datasheet(HTML) 2 Page - Mospec Semiconductor

  SRF2060CL Datasheet HTML 1Page - Mospec Semiconductor SRF2060CL Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SRF2060CL
FIG-1 FORWARD CURRENT DERATING CURVE
FIG-2 TYPICAL FORWARD CHARACTERISITICS
CASE TEMPERATURE (℃)
FORWARD VOLTAGE (Volts)
TJ=125℃
TJ=75℃
TJ=25℃
FIG-3 TYPICAL REVERSE CHARACTERISTICS
FIG-4 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (Volts)
REVERSE VOLTAGE (Volts)
TJ=100℃
TJ=75℃
TJ=25℃
FIG-5 PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
9M-A


Similar Part No. - SRF2060CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SRF2060C ETC2-SRF2060C Datasheet
179Kb / 2P
   SCHOTTKY BARIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SRF2060C MIC-SRF2060C Datasheet
46Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Mospec Semiconductor
SRF2060CE MOSPEC-SRF2060CE Datasheet
186Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
logo
HY ELECTRONIC CORP.
SRF2060CT HY-SRF2060CT Datasheet
481Kb / 4P
   Schottky Barrier Recitifiers
logo
SAMYANG ELECTRONICS CO....
SRF2060CT SAMYANG-SRF2060CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRF2060CL

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HDS20A03X SEMIHOW-HDS20A03X Datasheet
524Kb / 3P
   SwitchmodeFull Plastic Dual Schottky Barrier Power Rectifiers
logo
Mospec Semiconductor
MBRF30200CK MOSPEC-MBRF30200CK Datasheet
164Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30200CL MOSPEC-MBRF30200CL Datasheet
155Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10100CK MOSPEC-MBRF10100CK Datasheet
152Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10150C MOSPEC-MBRF10150C Datasheet
141Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF2030C MOSPEC-MBRF2030C Datasheet
146Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30100CL MOSPEC-MBRF30100CL Datasheet
147Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10120CK MOSPEC-MBRF10120CK Datasheet
156Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF20120C MOSPEC-MBRF20120C Datasheet
159Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10200C MOSPEC-MBRF10200C Datasheet
146Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com