Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1501EM8X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # ACE1501EM8X
Description  ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1501EM8X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ACE1501EM8X Datasheet HTML 1Page - Fairchild Semiconductor ACE1501EM8X Datasheet HTML 2Page - Fairchild Semiconductor ACE1501EM8X Datasheet HTML 3Page - Fairchild Semiconductor ACE1501EM8X Datasheet HTML 4Page - Fairchild Semiconductor ACE1501EM8X Datasheet HTML 5Page - Fairchild Semiconductor ACE1501EM8X Datasheet HTML 6Page - Fairchild Semiconductor ACE1501EM8X Datasheet HTML 7Page - Fairchild Semiconductor ACE1501EM8X Datasheet HTML 8Page - Fairchild Semiconductor ACE1501EM8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
www.fairchildsemi.com
ACE1501 Product Family Rev. 1.1
ACE1501 AC Electrical Characteristics, Vcc = 1.8 to 3.6V
All measurements are valid for ambient operating temperature unless otherwise stated.
5. The maximum permissible frequency is guaranteed by design but is not 100% tested
6. The parameter is characterized but is not 100% tested, contact Fairchild for additional characterization data.
ACE1501 Electrical Characteristics for programming
All data valid at ambient temperature between 3.0V and 3.6V. The following characteristics are guaranteed
by design but are not 100% tested. See “EEPROM write time” in the AC Electrical Characteristics for
definition of the programming ready time.
ACE1501 Low Battery Detect (LBD) Characteristics, Vcc = 1.8 to 3.6V
ACE1501 Brown-out Reset (BOR) Characteristics, Vcc = 1.8 to 3.6V
Parameter
Conditions
MIN
TYP
MAX
Units
Instruction cycle time from internal clock -
setpoint
3.3V at +25°C
0.98
1.0
1.02
µs
Internal clock frequency variation
1.8V to 3.6V at constant temperature
1.2
%
1.8V to 3.6V at full temperature range (Note 6)
6
%
Crystal oscillator frequency
(Note 5)
25
MHz
External clock frequency
(Note 5)
8
MHz
EEPROM write time
5.5
10
ms
Internal clock start up time
(Note 6)
2
ms
Oscillator start up time
(Note 6)
2400
cycles
Parameter
Description
MIN
MAX
Units
tHI
CLOCK high time
500
DC
ns
tLO
CLOCK low time
500
DC
ns
tDIS
SHIFT_IN setup time
100
ns
tDIH
SHIFT_IN hold time
100
ns
tDOS
SHIFT_OUT setup time
100
ns
tDOH
SHIFT_OUT hold time
900
ns
TRESET
Power On Reset time
3.2
4.5
ms
tLOAD1, tLOAD2, tLOAD3, tLOAD4
LOAD timing
5
µs
Parameter
Conditions
MIN
TYP
MAX
Units
LBD voltage threshold variation
-40°C to +85°C
-5
+5
%
Parameter
Conditions
MIN
TYP
MAX
Units
BOR voltage threshold variation
-40°C to +85°C
1.72
1.83
1.92
V


Similar Part No. - ACE1501EM8X

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE150112FM+H ACE-ACE150112FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150133FM+H ACE-ACE150133FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150150FM+H ACE-ACE150150FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE1501ADJFM+H ACE-ACE1501ADJFM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
More results

Similar Description - ACE1501EM8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com