Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN8810-EVAL Datasheet(PDF) 8 Page - Analog Devices

Part # ADN8810-EVAL
Description  12-Bit High Output Current Source
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8810-EVAL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN8810-EVAL Datasheet HTML 4Page - Analog Devices ADN8810-EVAL Datasheet HTML 5Page - Analog Devices ADN8810-EVAL Datasheet HTML 6Page - Analog Devices ADN8810-EVAL Datasheet HTML 7Page - Analog Devices ADN8810-EVAL Datasheet HTML 8Page - Analog Devices ADN8810-EVAL Datasheet HTML 9Page - Analog Devices ADN8810-EVAL Datasheet HTML 10Page - Analog Devices ADN8810-EVAL Datasheet HTML 11Page - Analog Devices ADN8810-EVAL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADN8810
Rev. 0 | Page 8 of 16
ADN8810 TERMINOLOGY
Relative Accuracy
Relative accuracy or integral nonlinearity (INL) is a measure of
the maximum deviation, in least significant bits (LSBs), from an
ideal line passing through the endpoints of the DAC transfer
function. Figure 5 shows a typical INL vs. code plot. The
ADN8810 INL is measured from 2% to 100% of the full-scale
(FS) output.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between
the measured change and the ideal 1 LSB change between
any two adjacent codes. A specified differential nonlinearity
of ± 1 LSB maximum ensures monotonicity. The ADN8810
is guaranteed monotonic by design. Figure 6 shows a typical
DNL vs. code plot.
Offset Error
Offset error, or zero-code error, is an interpolation of the output
voltage at code 0x000 as predicted by the line formed from the
output voltages at code 0x040 (2% FS) and code 0xFFF (100%
FS). Ideally, the offset error should be 0 V. Offset error occurs
from a combination of the offset voltage of the amplifier and
offset errors in the DAC. It is expressed in LSBs.
Offset Drift
This is a measure of the change in offset error with a change in
temperature. It is expressed in (ppm of full-scale range)/°C.
Gain Error
Gain error is a measure of the span error of the DAC. It is the
deviation in slope of the output transfer characteristic from
ideal. The transfer characteristic is the line formed from the
output voltages at code 0x040 (2% FS) and code 0xFFF (100%
FS). It is expressed as a percent of the full-scale range.
Compliance Voltage
The maximum output voltage from the ADN8810 is a function
of output current and supply voltage. Compliance voltage
defines the maximum output voltage at a given current and
supply voltage to guarantee the device operates within its INL,
DNL, and gain error specifications.
Output Current Change vs. Output Voltage Change
This is a measure of the ADN8810 output impedance and is
similar to a load regulation spec in voltage references. For a
given code, the output current changes slightly as output voltage
increases. It is measured as an absolute value in (ppm of full-
scale range)/V.
INTERPOLATED
DAC CODE
OFFSET
ERROR
GAIN ERROR
PLUS
OFFSET ERROR
0xFFF
0x040
IDEAL
ACTUAL
(EXAGGERATED)
Figure 4. Output Transfer Function


Similar Part No. - ADN8810-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8810 AD-ADN8810 Datasheet
432Kb / 14P
   12-Bit High Output Current Source
Rev. C
ADN8810ACPZ AD-ADN8810ACPZ Datasheet
432Kb / 14P
   12-Bit High Output Current Source
Rev. C
ADN8810ACPZ-REEL7 AD-ADN8810ACPZ-REEL7 Datasheet
432Kb / 14P
   12-Bit High Output Current Source
Rev. C
ADN8810 AD-ADN8810_V01 Datasheet
432Kb / 14P
   12-Bit High Output Current Source
Rev. C
More results

Similar Description - ADN8810-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8810 AD-ADN8810_V01 Datasheet
432Kb / 14P
   12-Bit High Output Current Source
Rev. C
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5412 AD-AD5412_09 Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
logo
Sanyo Semicon Device
LB1745 SANYO-LB1745 Datasheet
52Kb / 2P
   Octal High-Voltage,Current-Source Output Driver
logo
Analog Devices
LTC2662 AD-LTC2662 Datasheet
1,022Kb / 28P
   Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
logo
Texas Instruments
DAC2932 TI-DAC2932 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
logo
Hamamatsu Corporation
S11012-01 HAMAMATSU-S11012-01_15 Datasheet
321Kb / 7P
   12-bit digital output
logo
Analog Devices
AD8382 AD-AD8382_15 Datasheet
927Kb / 24P
   High Performance 12-Bit, 6-Channel Output
REV. 0
logo
Toshiba Semiconductor
TD62708N TOSHIBA-TD62708N Datasheet
309Kb / 8P
   8CH HIGH CURRENT SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com