Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9215BCP-65 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9215BCP-65
Description  10-Bit, 65/80/105 MSPS, 3V A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215BCP-65 Datasheet(HTML) 1 Page - Analog Devices

  AD9215BCP-65 Datasheet HTML 1Page - Analog Devices AD9215BCP-65 Datasheet HTML 2Page - Analog Devices AD9215BCP-65 Datasheet HTML 3Page - Analog Devices AD9215BCP-65 Datasheet HTML 4Page - Analog Devices AD9215BCP-65 Datasheet HTML 5Page - Analog Devices AD9215BCP-65 Datasheet HTML 6Page - Analog Devices AD9215BCP-65 Datasheet HTML 7Page - Analog Devices AD9215BCP-65 Datasheet HTML 8Page - Analog Devices AD9215BCP-65 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
10-Bit, 65/80/105 MSPS,
3 V A/D Converter
AD9215
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Single 3 V supply operation (2.7 V to 3.3 V)
SNR = 58 dBc (to Nyquist)
SFDR = 77 dBc (to Nyquist)
Low power ADC core: 96 mW at 65 MSPS, 104 mW
@ 80 MSPS, 120 mW at 105 MSPS
Differential input with 300 MHz bandwidth
On-chip reference and sample-and-hold amplifier
DNL = ±0.25 LSB
Flexible analog input: 1 V p-p to 2 V p-p range
Offset binary or twos complement data format
Clock duty cycle stabilizer
APPLICATIONS
Ultrasound equipment
IF sampling in communications receivers
Battery-powered instruments
Hand-held scopemeters
Low cost digital oscilloscopes
FUNCTIONAL BLOCK DIAGRAM
SHA
VIN+
VIN–
REFT
REFB
DRVDD
CLK
PDWN
MODE
CLOCK
DUTY CYCLE
STABLIZER
MODE
SELECT
DGND
OR
D9 (MSB)
D0
AVDD
CORRECTION LOGIC
OUTPUT BUFFERS
10
REF
SELECT
AGND
0.5V
VREF
SENSE
AD9215
PIPELINE
ADC CORE
Figure 1.
PRODUCT DESCRIPTION
The AD9215 is a family of monolithic, single 3 V supply, 10-bit,
65/80/105 MSPS analog-to-digital converters (ADC). This family
features a high performance sample-and-hold amplifier (SHA)
and voltage reference. The AD9215 uses a multistage differential
pipelined architecture with output error correction logic to pro-
vide 10-bit accuracy at 105 MSPS data rates and to guarantee no
missing codes over the full operating temperature range.
The wide bandwidth, truly differential sample-and-hold ampli-
fier (SHA) allows for a variety of user-selectable input ranges
and offsets including single-ended applications. It is suitable for
multiplexed systems that switch full-scale voltage levels in
successive channels and for sampling single-channel inputs at
frequencies well beyond the Nyquist rate. Combined with
power and cost savings over previously available ADCs, the
AD9215 is suitable for applications in communications, imag-
ing, and medical ultrasound.
A single-ended clock input is used to control all internal conversion
cycles. A duty cycle stabilizer compensates for wide variations in the
clock duty cycle while maintaining excellent performance. The digital
output data is presented in straight binary or twos complement for-
mats. An out-of-range signal indicates an overflow condition, which
can be used with the MSB to determine low or high overflow.
Fabricated on an advanced CMOS process, the AD9215 is avail-
able in both a 28-lead surface-mount plastic package and a
32-lead chip scale package and is specified over the industrial
temperature range of −40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
The AD9215 operates from a single 3 V power supply and
features a separate digital output driver supply to accom-
modate 2.5 V and 3.3 V logic families.
2.
Operating at 105 MSPS, the AD9215 core ADC consumes
a low 120 mW; at 80 MSPS, the power dissipation is 104
mW; and at 65 MSPS, the power dissipation is 96 mW.
3.
The patented SHA input maintains excellent performance
for input frequencies up to 200 MHz and can be config-
ured for single-ended or differential operation.
4.
The AD9215 is part of several pin compatible 10-, 12-, and
14-bit low power ADCs. This allows a simplified upgrade
from 10 bits to 12 bits for systems up to 80 MSPS.
5.
The clock duty cycle stabilizer maintains converter per-
formance over a wide range of clock pulse widths.
6.
The out of range (OR) output bit indicates when the signal
is beyond the selected input range.


Similar Part No. - AD9215BCP-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215BCP-65EB AD-AD9215BCP-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9215BCP-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com