Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9215BCP-65 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9215BCP-65
Description  10-Bit, 65/80/105 MSPS, 3V A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215BCP-65 Datasheet(HTML) 3 Page - Analog Devices

  AD9215BCP-65 Datasheet HTML 1Page - Analog Devices AD9215BCP-65 Datasheet HTML 2Page - Analog Devices AD9215BCP-65 Datasheet HTML 3Page - Analog Devices AD9215BCP-65 Datasheet HTML 4Page - Analog Devices AD9215BCP-65 Datasheet HTML 5Page - Analog Devices AD9215BCP-65 Datasheet HTML 6Page - Analog Devices AD9215BCP-65 Datasheet HTML 7Page - Analog Devices AD9215BCP-65 Datasheet HTML 8Page - Analog Devices AD9215BCP-65 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD9215
Rev. A | Page 3 of 36
SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, specified maximum conversion rate, 2 V p-p differential input, 1.0 V internal reference, unless otherwise
noted.
Table 1. DC Specifications
AD9215BRU-65/
AD9215BCP-65
AD9215BRU-80/
AD9215BCP-80
AD9215BRU-105/
AD9215BCP-105
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
VI
10
10
10
Bits
ACCURACY
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Guaranteed
Offset Error1
Full
VI
±0.3
±2.0
±0.3
±2.0
±0.3
±2.0
% FSR
Gain Error
1
Full
VI
0
+1.5
+4.0
+1.5
+4.0
+1.5
+4.0
% FSR
Differential Nonlinearity (DNL)2
Full
VI
−1.0
±0.5
+1.0
−1.0
±0.5
+1.0
−1.0
±0.6
+1.2
LSB
Integral Nonlinearity (INL)
2
Full
VI
±0.5
±1.2
±0.5
±1.2
±0.65
±1.2
LSB
TEMPERATURE DRIFT
Offset Error
1
Full
V
+15
+15
+15
ppm/°C
Gain Error1
Full
V
+30
+30
+30
ppm/°C
Reference Voltage (1 V Mode)
Full
V
±230
±230
±230
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
VI
±2
±35
±2
±35
±2
±35
mV
Load Regulation @ 1.0 mA
Full
V
0.2
0.2
0.2
mV
Output Voltage Error (0.5 V Mode)
Full
V
± 1
±1
±1
mV
Load Regulation @ 0.5 mA
Full
V
0.2
0.2
0.2
mV
INPUT REFERRED NOISE
VREF = 0.5 V
25°C
V
0.8
0.8
0.8
LSB rms
VREF = 1.0 V
25°C
V
0.4
0.4
0.4
LSB rms
ANALOG INPUT
Input Span, VREF = 0.5 V
Full
IV
1
1
1
V p-p
Input Span, VREF = 1.0 V
Full
IV
2
2
2
V p-p
Input Capacitance3
Full
V
2
2
2
pF
REFERENCE INPUT RESISTANCE
Full
V
7
7
7
kΩ
POWER SUPPLIES
Supply Voltage
AVDD
Full
IV
2.7
3.0
3.3
2.7
3.0
3.3
2.7
3.0
3.3
V
DRVDD
Full
IV
2.25
2.5
3.6
2.25
2.5
3.6
2.25
2.5
3.6
V
Supply Current
IAVDD
2
Full
VI
32
35
34.5
39
40
44
mA
IDRVDD
2
25°C
V
7.0
8.6
11.3
mA
PSRR
Full
V
± 0.1
± 0.1
± 0.1
% FSR
POWER CONSUMPTION
Sine Wave Input
2
IAVDD
2
Full
VI
96
104
120
mW
IDRVDD
2
25°C
V
18
20
25
mW
Standby Power4
25°C
V
1.0
1.0
1.0
mW
1 With a 1.0 V internal reference.
2 Measured at fIN = 2.4 MHz, full-scale sine wave, with approximately 5 pF loading on each output bit.
3 Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to
for the equivalent analog input structure.
Figure 5
4 Standby power is measured with a dc input, the CLK pin inactive (i.e., set to AVDD or AGND).


Similar Part No. - AD9215BCP-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215BCP-65EB AD-AD9215BCP-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9215BCP-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com