Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC010NE2LSI Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSC010NE2LSI
Description  OptiMOSTM Power-MOSFET, 25 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC010NE2LSI Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSC010NE2LSI Datasheet HTML 2Page - Infineon Technologies AG BSC010NE2LSI Datasheet HTML 3Page - Infineon Technologies AG BSC010NE2LSI Datasheet HTML 4Page - Infineon Technologies AG BSC010NE2LSI Datasheet HTML 5Page - Infineon Technologies AG BSC010NE2LSI Datasheet HTML 6Page - Infineon Technologies AG BSC010NE2LSI Datasheet HTML 7Page - Infineon Technologies AG BSC010NE2LSI Datasheet HTML 8Page - Infineon Technologies AG BSC010NE2LSI Datasheet HTML 9Page - Infineon Technologies AG BSC010NE2LSI Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
OptiMOSTMPower-MOSFET,25V
BSC010NE2LSI
Rev.2.4,2016-01-29
Final Data Sheet
4Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
40
80
120
160
0
20
40
60
80
100
120
Ptot=f(TC)
Diagram2:Draincurrent
TC[°C]
0
40
80
120
160
0
20
40
60
80
100
120
ID=f(TC);VGS
≥10V
Diagram3:Safeoperatingarea
VDS[V]
10-1
100
101
102
10-1
100
101
102
103
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-6
10-5
10-4
10-3
10-2
10-1
100
10-3
10-2
10-1
100
101
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
ZthJC=f(tp);parameter:D=tp/T


Similar Part No. - BSC010NE2LSI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC010NE2LSI INFINEON-BSC010NE2LSI Datasheet
1Mb / 12P
   n-Channel Power MOSFET
2.1, 2011-09-08
BSC010NE2LSI INFINEON-BSC010NE2LSI Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
BSC010NE2LSI INFINEON-BSC010NE2LSI_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
More results

Similar Description - BSC010NE2LSI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IQE006NE2LM5SC INFINEON-IQE006NE2LM5SC Datasheet
1Mb / 13P
   MOSFET OptiMOSTM 5 Power-Transistor, 25 V
Rev. 2.0, 2022-04-28
IQDH29NE2LM5CG INFINEON-IQDH29NE2LM5CG Datasheet
1Mb / 11P
   MOSFET OptiMOSTM 5 Power-Transistor, 25 V
Rev. 2.1, 2023-03-29
IQE006NE2LM5CGSC INFINEON-IQE006NE2LM5CGSC Datasheet
1Mb / 13P
   MOSFET OptiMOSTM 5 Power-Transistor, 25 V
Rev. 2.0, 2022-04-28
BSZ009NE2LS5 INFINEON-BSZ009NE2LS5 Datasheet
1Mb / 11P
   OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-05-12
IQE006NE2LM5 INFINEON-IQE006NE2LM5 Datasheet
1Mb / 13P
   OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-03-16
IQE006NE2LM5CG INFINEON-IQE006NE2LM5CG Datasheet
1Mb / 13P
   OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-03-16
BSZ010NE2LS5 INFINEON-BSZ010NE2LS5 Datasheet
1Mb / 11P
   OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.2,2020-05-12
BSZ034N04LS INFINEON-BSZ034N04LS Datasheet
1Mb / 11P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
BSC032N04LS INFINEON-BSC032N04LS Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
ISC026N03L5S INFINEON-ISC026N03L5S Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 30 V
Rev.2.0,2020-02-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com