Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6539CA-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6539CA-T
Description  Wide Input Range Dual PWM Controller with DDR Option
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6539CA-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6539CA-T Datasheet HTML 3Page - Intersil Corporation ISL6539CA-T Datasheet HTML 4Page - Intersil Corporation ISL6539CA-T Datasheet HTML 5Page - Intersil Corporation ISL6539CA-T Datasheet HTML 6Page - Intersil Corporation ISL6539CA-T Datasheet HTML 7Page - Intersil Corporation ISL6539CA-T Datasheet HTML 8Page - Intersil Corporation ISL6539CA-T Datasheet HTML 9Page - Intersil Corporation ISL6539CA-T Datasheet HTML 10Page - Intersil Corporation ISL6539CA-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN9144.4
June 6, 2005
Rs1
2.0K
Rs2
2.0K
Q1
Lo1
Co11
4.7µF
D2
BAT54W
Rbt1
Lo2
Q2
10µF
Co21
220µF
Co22
4.7µF
Rset1
100K
Csoft1
10K
Cfb1
0.01 F
SOFT1
PG1
OCSET1
EN1
GND
VSEN1
PGND1
LGATE1
ISEN1
PHASE1
UGATE1
BOOT1
GND
VCC
VIN
PGND2
LGATE2
ISEN2
PHASE2
UGATE2
BOOT2
GND
PG2
SOFT2
V1 (2.5V)
V2 (1.8V)
DDR
EN2
VCC (5V)
U1
FDS6912A
FDS6912A
4.7µH
Cin1
10µF
Cdc
D1
BAT54W
0
Cbt2
Rbt2
0
Q2
Cin2
Co21
Csoft1
0.01µF
Rfb11
17.8K
Rfb12
VIN
Co13
220µF
U1
FDS6912A
ISL6539
OCSET2
VSEN2
Rfb21
10K
Rfb22
10K
Cfb2
Csoft2
0.01µF
Rset2
100K
µ
0.01µF
4.7µF
4.7µH
Cb11
0.15µF
0.15µF
FIGURE 1. TYPICAL APPLICATION CIRCUIT AS DUAL SWITCHER, VOUT1 = 2.5V, VOUT2 = 1.8V
FIGURE 2. TYPICAL APPLICATION AS DDR MEMORY POWER SUPPLY, VOUT1 = 2.5V, VOUT2 = 1.25V
Rs1
2.0K
Rs2
1.0K
Q1
Lo1
4.6µF
Co11
Cin1
Cdc
4.7µF
D1
BAT54W
Rbt1
0
Cbt1
0.15µF
0.15µF
Rbt2
0
Q2
Co21
220µF
Co22
4.7µF
Rset1
100K
Csoft1
0.01µF
Rfb1
Rfb12
10K
Cfb1
0.01µF
SOFT1
PG1
OCSET1
EN1
GND
VSEN1
PGND1
LGATE1
ISEN1
PHASE1
UGATE1
BOOT1
VCC
VIN
OCSET2_VDDQ/2
PG2_REF
PGND2
LGATE2
ISEN2
PHASE2
UGATE2
BOOT2
VSEN2
GND
SOFT2
Vref (VDDQ/2)
Rd1
10K
VDDQ
VDDQ/2
Rd2
10K
Cf
0.1µF
VDDQ (2.5V)
VTT (1.25V)
Cref
DDR
Co13
220µF
EN2
VCC (5V)
Csoft2 (N/U)
U1
FDS6912A
FDS6912A
4.7µF
10µF
D2
BAT54W
Lo2
1.5µH
Cin2
4.7µF
17.8K
GND
Vin
VDDQ
Cref
4.7µF
0.01µF
ISL6539
Cbt2
ISL6539


Similar Part No. - ISL6539CA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6539CAZ INTERSIL-ISL6539CAZ Datasheet
510Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6539CAZ RENESAS-ISL6539CAZ Datasheet
933Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
More results

Similar Description - ISL6539CA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6539 RENESAS-ISL6539 Datasheet
933Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
logo
Intersil Corporation
ISL6539 INTERSIL-ISL6539 Datasheet
510Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Intersil Corporation
ISL6444 INTERSIL-ISL6444 Datasheet
440Kb / 18P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
ISL6444 INTERSIL-ISL6444_07 Datasheet
381Kb / 19P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com