Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB157-TP Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SDB157-TP
Description  Evaluation Board for 15W Single-Output Switch-Mode Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SDB157-TP Datasheet(HTML) 1 Page - Dialog Semiconductor

  SDB157-TP Datasheet HTML 1Page - Dialog Semiconductor SDB157-TP Datasheet HTML 2Page - Dialog Semiconductor SDB157-TP Datasheet HTML 3Page - Dialog Semiconductor SDB157-TP Datasheet HTML 4Page - Dialog Semiconductor SDB157-TP Datasheet HTML 5Page - Dialog Semiconductor SDB157-TP Datasheet HTML 6Page - Dialog Semiconductor SDB157-TP Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
iW1830-EVAL1
Evaluation Board for 15W Single-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
1 of 7
18-May-2016
1 Description
The iW1830-EVAL1 evaluation board implements a 15W power supply
based on Dialog Semiconductor’s iW1830 AccuSwitch™ digital off-
line power supply controller IC. The evaluation board supplies a 5V, 3A
regulated output voltage using a primary-side controlled quasi-resonant
flyback converter that meets the U.S. Department of Energy’s most recent
level VI efficiency standard and the EU’s Code of Conduct, Version 5, Tier
2 standard for both active mode and no-load standby power consumption.
The iW1830 controller integrates a 700V power MOSFET to lower the
power supply BOM cost and uses Dialog’s advanced PrimAccurate™
digital control technology to eliminate the need for external secondary-side feedback components, further reducing
component count and cost, while improving reliability. It operates in quasi-resonant mode to improve efficiency and
help meet EMI standards. This quasi-resonant operation and Dialog’s EZ-EMI® technology enable EMI compliance
with minimal external filtering. Proprietary control technology allows high efficiency across a broad range of loads,
which enables the iW1830 to meet stringent international standards for power supply efficiency.
2 Features
● Wide input voltage range: 90VAC to 264VAC
● Output voltage: 5V
● Output current: 3A
● Total output power: 15W max.
● Integrated 700V MOSFET
● Active mode efficiency > 82%
● Supports high capacitance loads up to 6,000mF
● Low no-load power: < 50mW (at 230 VAC)
3 Applications
● Power Supplies for:
x
White Goods
x
Home Appliances
x
Industrial Control
x
Network Devices
● EZ-EMI® technology: excellent EMI performance with
a minimum of EMI filtering components
● Quasi-resonant operation
● Low component count and small PCB footprint
● iW1830 IC protections:
x
Output short-circuit, over-current, over-voltage
x
Input voltage protection: brown-out, brown-in,
unplug
x
Over-temperature protection - internal sensor


Similar Part No. - SDB157-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SDB157-TP MCC-SDB157-TP Datasheet
86Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Dialog Semiconductor
SDB157-TP DIALOG-SDB157-TP Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
More results

Similar Description - SDB157-TP

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1830-EVAL DIALOG-IW1830-EVAL Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
IW1818-EVAL DIALOG-IW1818-EVAL Datasheet
474Kb / 6P
   Evaluation Board for 10W Single-Output Switch-Mode Power Supply
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
   15W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-15 MEANWELL-RS-15 Datasheet
249Kb / 2P
   15W Single Output Switching Power Supply
NES-15 MEANWELL-NES-15_11 Datasheet
268Kb / 2P
   15W Single Output Switching Power Supply
S-15 MEANWELL-S-15 Datasheet
437Kb / 2P
   15W Single Output Switching Power Supply
RS-15 MEANWELL-RS-15_10 Datasheet
259Kb / 2P
   15W Single Output Switching Power Supply
EPS-15 MEANWELL-EPS-15_13 Datasheet
926Kb / 3P
   15W SINGLE OUTPUT SWTICHING POWER SUPPLY
NES-15 MEANWELL-NES-15 Datasheet
860Kb / 2P
   15W Single Output Switching Power Supply
PS-15 MEANWELL-PS-15_09 Datasheet
285Kb / 2P
   15W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com