Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR30A60CT Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SBR30A60CT
Description  Evaluation Board for 15W Single-Output Switch-Mode Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SBR30A60CT Datasheet(HTML) 2 Page - Dialog Semiconductor

  SBR30A60CT Datasheet HTML 1Page - Dialog Semiconductor SBR30A60CT Datasheet HTML 2Page - Dialog Semiconductor SBR30A60CT Datasheet HTML 3Page - Dialog Semiconductor SBR30A60CT Datasheet HTML 4Page - Dialog Semiconductor SBR30A60CT Datasheet HTML 5Page - Dialog Semiconductor SBR30A60CT Datasheet HTML 6Page - Dialog Semiconductor SBR30A60CT Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
iW1830-EVAL1
Evaluation Board for 15W Single-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
2 of 7
18-May-2016
Disclaimer for High Voltage (Mains Powered) Evaluation Boards
Warning
This evaluation board is powered by AC mains voltage. When powered, this
evaluation board generates non-insulated high voltages which may produce
electrical shock, burn, and/or fire hazards, resulting in risk of property damage,
personal injury, and/or death.
When the evaluation board is powered, never touch the board or its electrical circuits since they may be
operating at high voltages that can cause an electrical shock hazard.
TO BE USED FOR EVALUATION PURPOSES ONLY
This board is intended for evaluation purposes only and not intended for commercial use in an end product. Any other
use is strictly prohibited by Dialog Semiconductor.
WORK AREA AND PERSONAL SAFETY
This board should be used in a test area/laboratory specifically designed and designated for working with, and
evaluating high-voltage electrical devices. Only trained and qualified professional personnel with experience,
knowledge and training in the use of high-voltage electrical circuits should use this evaluation board. Trained
personnel must use required personal protective equipment and required laboratory equipment when working with the
evaluation board.
The professional personnel operating this evaluation board and the test area/laboratory in which it is operated must
be qualified according to the local regulations, guidelines and labor laws applicable to working with non-isolated mains
voltages and high voltage circuits.
An isolated housing is highly recommended when using this evaluation board.
Use this evaluation board at your own risk.
NOT AGENCY APPROVED
This evaluation board has not been agency tested or approved for safety, technical performance, and/or regulatory
requirements, such as electromagnetic interference or other technical regulatory or safety requirements.
WARNING


Similar Part No. - SBR30A60CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A60CT DIODES-SBR30A60CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A60 Rev. 2
SBR30A60CT DIODES-SBR30A60CT Datasheet
171Kb / 3P
   SUPER BARRIER RECTIFIER
DS30982 Rev. 3 - 2
SBR30A60CT DIODES-SBR30A60CT Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60CT-G DIODES-SBR30A60CT-G Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60CTB DIODES-SBR30A60CTB Datasheet
91Kb / 4P
   30A SBR SUPER BARRIER RECTIFIER
More results

Similar Description - SBR30A60CT

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1830-EVAL DIALOG-IW1830-EVAL Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
IW1818-EVAL DIALOG-IW1818-EVAL Datasheet
474Kb / 6P
   Evaluation Board for 10W Single-Output Switch-Mode Power Supply
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
   15W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-15 MEANWELL-RS-15 Datasheet
249Kb / 2P
   15W Single Output Switching Power Supply
NES-15 MEANWELL-NES-15_11 Datasheet
268Kb / 2P
   15W Single Output Switching Power Supply
S-15 MEANWELL-S-15 Datasheet
437Kb / 2P
   15W Single Output Switching Power Supply
RS-15 MEANWELL-RS-15_10 Datasheet
259Kb / 2P
   15W Single Output Switching Power Supply
EPS-15 MEANWELL-EPS-15_13 Datasheet
926Kb / 3P
   15W SINGLE OUTPUT SWTICHING POWER SUPPLY
NES-15 MEANWELL-NES-15 Datasheet
860Kb / 2P
   15W Single Output Switching Power Supply
PS-15 MEANWELL-PS-15_09 Datasheet
285Kb / 2P
   15W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com