Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR30A60CT Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SBR30A60CT
Description  Evaluation Board for 15W Single-Output Switch-Mode Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SBR30A60CT Datasheet(HTML) 4 Page - Dialog Semiconductor

  SBR30A60CT Datasheet HTML 1Page - Dialog Semiconductor SBR30A60CT Datasheet HTML 2Page - Dialog Semiconductor SBR30A60CT Datasheet HTML 3Page - Dialog Semiconductor SBR30A60CT Datasheet HTML 4Page - Dialog Semiconductor SBR30A60CT Datasheet HTML 5Page - Dialog Semiconductor SBR30A60CT Datasheet HTML 6Page - Dialog Semiconductor SBR30A60CT Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
iW1830-EVAL1
Evaluation Board for 15W Single-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 7
18-May-2016
5 Schematic
The schematic shown in Figure 5.1 is the complete schematic for the evalution board. The specific part numbers can
be found in the Bill-of-Materials in section 6.
Figure 5.1 : Complete Evalution Board Schematic for the iW1830-EVAL1 Board.
5V3A
D6
FS1M-L
C3
10nF/500V
D7
FS1D-L
C7
100nF
R6
10K
R7
100R
R18
1.3R
R11
1K
R9
2.2R
R8
3K
R10
18K
R1
1.8R
R12
2M
R19
2M
R14
56K
R3
3.6K
+ C4
1000uF
AC
AC
+
-
1
2
3
4
BR1
SDB157
C9
10uF/50V
1
VCC
4 ISENSE
8 D
5 S
7
D
3 GND
2
VSENSE
U1
iW1830
+
C1
22uF
+ C2
22uF
L1
470uH
L2
10uH
+ C5
1000uF
F1
3.15A/250V
D1
SBR30A60CT
R15
27R
C10
1nF
1
3
4
6
8
12
T1
C8
220pF
R4
18R
R2
1K
R13
750R
E1
E2
CON2
D5
FS1D-L
Z1
160V
+ C6
1000uF
R5
NC
C11
NC
CON1
L4
CY1
680pF
CY2
680pF
GND


Similar Part No. - SBR30A60CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A60CT DIODES-SBR30A60CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A60 Rev. 2
SBR30A60CT DIODES-SBR30A60CT Datasheet
171Kb / 3P
   SUPER BARRIER RECTIFIER
DS30982 Rev. 3 - 2
SBR30A60CT DIODES-SBR30A60CT Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60CT-G DIODES-SBR30A60CT-G Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60CTB DIODES-SBR30A60CTB Datasheet
91Kb / 4P
   30A SBR SUPER BARRIER RECTIFIER
More results

Similar Description - SBR30A60CT

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1830-EVAL DIALOG-IW1830-EVAL Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
IW1818-EVAL DIALOG-IW1818-EVAL Datasheet
474Kb / 6P
   Evaluation Board for 10W Single-Output Switch-Mode Power Supply
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
   15W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-15 MEANWELL-RS-15 Datasheet
249Kb / 2P
   15W Single Output Switching Power Supply
NES-15 MEANWELL-NES-15_11 Datasheet
268Kb / 2P
   15W Single Output Switching Power Supply
S-15 MEANWELL-S-15 Datasheet
437Kb / 2P
   15W Single Output Switching Power Supply
RS-15 MEANWELL-RS-15_10 Datasheet
259Kb / 2P
   15W Single Output Switching Power Supply
EPS-15 MEANWELL-EPS-15_13 Datasheet
926Kb / 3P
   15W SINGLE OUTPUT SWTICHING POWER SUPPLY
NES-15 MEANWELL-NES-15 Datasheet
860Kb / 2P
   15W Single Output Switching Power Supply
PS-15 MEANWELL-PS-15_09 Datasheet
285Kb / 2P
   15W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com