Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR182 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFR182
Description  Low Noise Silicon Bipolar RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR182 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFR182 Datasheet HTML 1Page - Infineon Technologies AG BFR182 Datasheet HTML 2Page - Infineon Technologies AG BFR182 Datasheet HTML 3Page - Infineon Technologies AG BFR182 Datasheet HTML 4Page - Infineon Technologies AG BFR182 Datasheet HTML 5Page - Infineon Technologies AG BFR182 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2014-04-07
4
BFR182
Total power dissipation Ptot = ƒ(TS)
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Permissible Pulse Load RthJS = ƒ(tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Similar Part No. - BFR182

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR182 SIEMENS-BFR182 Datasheet
71Kb / 8P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
logo
Infineon Technologies A...
BFR182 INFINEON-BFR182 Datasheet
79Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
BFR182 INFINEON-BFR182 Datasheet
133Kb / 7P
   NPN Silicon RF Transistor
2007-03-30
logo
Vishay Siliconix
BFR182T VISHAY-BFR182T Datasheet
68Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 2, 20-Jan-99
logo
Infineon Technologies A...
BFR182T INFINEON-BFR182T Datasheet
70Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results

Similar Description - BFR182

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR35AP INFINEON-BFR35AP_13 Datasheet
602Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2015-10-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com