Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS-5400 Datasheet(PDF) 8 Page - Keysight Technologies

Part # TS-5400
Description  TS-5400 Series II Automotive Electronics Functional Test System
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

TS-5400 Datasheet(HTML) 8 Page - Keysight Technologies

Back Button TS-5400 Datasheet HTML 4Page - Keysight Technologies TS-5400 Datasheet HTML 5Page - Keysight Technologies TS-5400 Datasheet HTML 6Page - Keysight Technologies TS-5400 Datasheet HTML 7Page - Keysight Technologies TS-5400 Datasheet HTML 8Page - Keysight Technologies TS-5400 Datasheet HTML 9Page - Keysight Technologies TS-5400 Datasheet HTML 10Page - Keysight Technologies TS-5400 Datasheet HTML 11Page - Keysight Technologies TS-5400 Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Testing engine management system
ECMs presents the most difficult
challenge for today’s automotive elec-
tronics test systems. These modules
require a dynamic range of both stim-
ulus and response signals with flexi-
ble loading, high-speed, high-resolu-
tion measurements and comprehensive
serial communication capabilities. In
fact, many of today’s systems require
two minutes or more to test a single,
100-pin module. Engineered with the
unique challenges of automotive
electronics testing in mind, the
TS-5400 Series II reduces this time to
twenty seconds, thus increasing pro-
duction volume while greatly reducing
the cost of test. In short, developers
of the TS-5400 Series II are commit-
ted to helping customers create the
greatest quantity of quality electronics
in the shortest time possible – all at
the best price/performance possible.
The first four sample tests listed pro-
vide assurance to continue with the
elements of dynamic testing such as
fuel injection pulse timing and width,
coil flyback voltage, spark advance
behavior under MAP, TPI and knock
signal input of variable amplitude.
For other modules, the power up,
analog sensor input, input pin param-
eter and output pin parameter tests
would be similar in nature, while the
dynamic tests may vary. Engineered
to empower manufacturers in
their choice of module classes, the
flexibility of the TS-5400 Series II
allows you to introduce a variety of
measurement envelopes to meet a
given module’s testing needs.
Sample of Tests for Engine Control ECM Sample Measurements
Power up
– Input current
– Input capacitance
Analog sensor input
– Response to analog in
Input pin parameter
– Input bias
– Clamp voltage
– Leakage current
– Pull-up loads
– Pull-down loads
Output pin parameter
– Saturation voltage
– Leakage current
– Flyback voltage
– Smart driver timing
– Duration of flyback
Dynamic
– Spark advance (MAP, TPI varying) relative to TDC
– Timing and width of fuel injection pulses
Table 2. Sample Tests and Measurement for an Engine
Control ECM


Similar Part No. - TS-5400

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
TS-500-2UPN8X-H1141 TURCK-TS-500-2UPN8X-H1141 Datasheet
343Kb / 6P
   Temperature measurement 2 PNP/NPN transistor switching outputs
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-5040 KEYSIGHT-TS-5040 Datasheet
260Kb / 7P
   TS-5000 Family
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
More results

Similar Description - TS-5400

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-8900 KEYSIGHT-TS-8900 Datasheet
770Kb / 63P
   TS-8900 Automotive Electronics Functional Test System
U8972A KEYSIGHT-U8972A Datasheet
713Kb / 22P
   TS-5400 High Performance PXI Functional Test System with Mac Panel Interface
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
logo
3M Electronics
EXII-ASIC-C 3M-EXII-ASIC-C Datasheet
118Kb / 4P
   EX II Series Capacitive Touch System Electronics
logo
Keysight Technologies
N5972A KEYSIGHT-N5972A Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6702G KEYSIGHT-E6702G Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6708A KEYSIGHT-E6708A Datasheet
98Kb / 4P
   RF Parametric and Functional Test
logo
NTE Electronics
02-N101-1 NTE-02-N101-1 Datasheet
408Kb / 1P
   Automotive Electronics
logo
Hirose Electric
DF59 HIROSE-DF59 Datasheet
776Kb / 12P
   2mm Pitch, Multi Functional Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com