Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8000 Datasheet(PDF) 1 Page - Copal Electronics

Part # S-8000
Description  ROTARY CODED SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-8000 Datasheet(HTML) 1 Page - Copal Electronics

  S-8000 Datasheet HTML 1Page - Copal Electronics S-8000 Datasheet HTML 2Page - Copal Electronics S-8000 Datasheet HTML 3Page - Copal Electronics S-8000 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Top setting
Side setting
Without knob
With knob
Without knob
With knob
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
S-8000
ROTARY CODED SWITCHES
FEATURES
O RoHS compliant
O 3 bits 8 positions type
O Protection against dust and washable after soldering
O DIP-pin configuration: 2.54 mm pitch
Part name
P.C.B.
Base
Rotor
Contact
“O” ring
Terminal pin
Material
Flammability
UL94HB
Polybutyleneterephthalate
Silicone rubber
Polybutyleneterephthalate
Copper alloy, Gold-plated
Gold-plated epoxy board
Housing
UL94HB
Polyoxymethylene
PART NUMBER DESIGNATION
INTERNAL STRUCTURE
S - 8 0 1 0 W
Series name
Shape of rotor
0Without knob
1With knob (extended shaft)
Setting position
Code format
0Top setting
1Side setting
Form of packaging
WTray packaging
BlankPlastic bag
1Real code
3Complementary code
Verify the above part numbers when placing orders.
Tray version can be supplied only in tray units.
LIST OF PART NUMBERS
Shape
Form of packaging
50 pcs./tray
100 pcs./pack
50 pcs./tray
100 pcs./pack
50 pcs./tray
100 pcs./pack
50 pcs./tray
100 pcs./pack
Binary coded octal
S-8010W
S-8010
S-8110W
S-8110
S-8011W
S-8011
S-8111W
S-8111
S-8030W
S-8030
S-8130W
S-8130
S-8031W
S-8031
S-8131W
S-8131
Pieces in package
Real code
Complementary code
RoHS compliant


Similar Part No. - S-8000

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-8000 COOPER-S-8000 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   S-8000 Series
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
logo
Eaton All Rights Reserv...
S-8000 EATON-S-8000 Datasheet
259Kb / 2P
   Fuse blocks
More results

Similar Description - S-8000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com