Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA-5010B1E Datasheet(PDF) 5 Page - Copal Electronics

Part # SA-5010B1E
Description  ROTARY CODED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SA-5010B1E Datasheet(HTML) 5 Page - Copal Electronics

  SA-5010B1E Datasheet HTML 1Page - Copal Electronics SA-5010B1E Datasheet HTML 2Page - Copal Electronics SA-5010B1E Datasheet HTML 3Page - Copal Electronics SA-5010B1E Datasheet HTML 4Page - Copal Electronics SA-5010B1E Datasheet HTML 5Page - Copal Electronics SA-5010B1E Datasheet HTML 6Page - Copal Electronics SA-5010B1E Datasheet HTML 7Page - Copal Electronics SA-5010B1E Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Complemen-
tary code
SA-5000
ROTARY CODED SWITCHES
CODE FORMAT
No. of positions
16 positions
10 positions
Position
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
Code
Real code
8
4
2
1
8
4
2
1
O ···Contact closed
TERMINAL CONNECTION / P.C.B. THROUGH HOLE DIMENSIONS
(Unit: mm)
DIODE CHARACTERISTICS
Material
Structure
Maximum rating
Forward voltage
Reverse voltage
Reverse current
Silicone diode
Epitaxial planar type
DC reverse voltage
VR
40 V
Peak reverse voltage (peak) VRM
40 V
DC forward current
IF
100 mA
Peak forward current
IFM
225 mA
1.2 V maximum IF=100 mA
0.6 V standard IF=1 mA
VR=40 V 100
μA
IR=100 nA 35 V
Top setting
Side setting
Terminal pin layout
(Bottom view)
P.C.B. dimensions
(Bottom view)
8 4 2 1
C
Real code
8 4 21
Complementary code
2.54
±0.1 6 – 0.8 hole
C
P
P
8 4 2 1
C
8 4 2 1
C
PP
Operating face
of real code
Operating face of
complementary code
2.54
±0.1
Operating face
SA – 5000 case
SA – 5000 case
φ
6 –
0.8 hole
φ


Similar Part No. - SA-5010B1E

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
SA-5082 PROTECHSYSTEMS-SA-5082 Datasheet
499Kb / 2P
   Intel짰 Atom??D525 Book Size PC
More results

Similar Description - SA-5010B1E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com