Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-7060ETB Datasheet(PDF) 4 Page - Copal Electronics

Part # S-7060ETB
Description  ROTARY CODED SWITCHES (SMD)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-7060ETB Datasheet(HTML) 4 Page - Copal Electronics

  S-7060ETB Datasheet HTML 1Page - Copal Electronics S-7060ETB Datasheet HTML 2Page - Copal Electronics S-7060ETB Datasheet HTML 3Page - Copal Electronics S-7060ETB Datasheet HTML 4Page - Copal Electronics S-7060ETB Datasheet HTML 5Page - Copal Electronics S-7060ETB Datasheet HTML 6Page - Copal Electronics S-7060ETB Datasheet HTML 7Page - Copal Electronics S-7060ETB Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OUTLINE DIMESIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O S-7010EA (Real code)
O S-7030EA (Complementary code)
O S-7010EB (Real code)
O S-7030EB (Complementary code)
O S-7010EC (Real code)
O S-7030EC (Complementary code)
O S-7050EA (Real code)
O S-7070EA (Complementary code)
O S-7050EB (Real code)
O S-7070EB (Complementary code)
O S-7050EC (Real code)
O S-7070EC (Complementary code)
7.2
2.9
2.54
2.54
1
2
C
8
4
C
0 1
9
Marking appears only with complementary code
0.6 W
× 2.6 L × 0.6 D
Production date code
6 – 0.8
t = 0.15
Lead-free
ldentification mark
7.2
2.8
2.54
2.54
6 – 0.5
t = 0.15
1
2
C
8
4
C
0 1
9
0.5
4 1
A
Marking appears only with complementary code
A Projection
0.6 W
× 2.6 L × 0.6 D
Production date code
Lead-free
ldentification mark
7.2
1
2
C
8
4
C
0
F
2
1
Marking appears only with complementary code
A Projection
Production date code
2.8
2.54
2.54
6 – 0.5
t = 0.15
0.5
4 1
A
0.6 W
× 2.6 L × 0.6 D
Lead-free
ldentification mark
7.2
1
2
C
8
4
C
0
F
2
1
Marking appears only with complementary code
Production date code
2.9
2.54
2.54
6 – 0.8
t = 0.15
0.6 W
× 2.6 L × 0.6 D
Lead-free
ldentification mark
7.2
2.9
2.54
2.54
6 – 0.8
t = 0.15
1
2
C
8
4
C
0 1
9
Marking appears only with complementary code
Lead-free
ldentification mark
0.6 W
× 2.6 L × 0.6 D
Production date code
S-7000
ROTARY CODED SWITCHES (SMD)
7.2
2.9
2.54
2.54
6 – 0.8
t = 0.15
1
2
C
8
4
C
0
F
2
1
Marking appears only with complementary code
0.6 W
× 2.6 L × 0.6 D
Production date code
Lead-free
ldentification mark


Similar Part No. - S-7060ETB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-701T ETC2-S-701T Datasheet
605Kb / 3P
   CURRENT REGULATIVE DIODE
logo
Seiko Instruments Inc
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
   PAGING DECODER IC (POCSAG)
S-7040D SII-S-7040D Datasheet
1Mb / 25P
   PAGING DECODER IC (POCSAG)
S-7041B SII-S-7041B Datasheet
1Mb / 21P
   PAGING DECODER
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
More results

Similar Description - S-7060ETB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com