Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA-5011A1EW Datasheet(PDF) 7 Page - Copal Electronics

Part # SA-5011A1EW
Description  ROTARY CODED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SA-5011A1EW Datasheet(HTML) 7 Page - Copal Electronics

  SA-5011A1EW Datasheet HTML 1Page - Copal Electronics SA-5011A1EW Datasheet HTML 2Page - Copal Electronics SA-5011A1EW Datasheet HTML 3Page - Copal Electronics SA-5011A1EW Datasheet HTML 4Page - Copal Electronics SA-5011A1EW Datasheet HTML 5Page - Copal Electronics SA-5011A1EW Datasheet HTML 6Page - Copal Electronics SA-5011A1EW Datasheet HTML 7Page - Copal Electronics SA-5011A1EW Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SA-5000
ROTARY CODED SWITCHES
O SA-5011AE~DE
O SA-5031AE~DE
Side setting
11
7.7
5.08
5
6 – 0.5
±0.1
t = 0.2
2.54
2.54
2.54
8
4
2
1
0.7 W
× 3.2 L × 1 D
4
6
14
C
P
Part No., Production date code &
Lead-free Identification mark
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O SA-5051AE~DE
O SA-5071AE~DE
Side setting
O SA-5111AE~DE
O SA-5131AE~DE
Side setting
O SA-5151AE~DE
O SA-5171AE~DE
Side setting
11
7.7
5.08
8
6 – 0.5
±0.1
t = 0.2
2.54
2.54
2.54
8
4
2
1
0.7 W
× 3.2 L × 1 D
14
C
P
7 A
9
Part No., Production date code &
Lead-free Identification mark
11
7.7
5.08
5
6 – 0.5
±0.1
t = 0.2
2.54
2.54
2.54
8
4
2
1
0.7 W
× 1 D
4
6
14
C
P
M = 0.2
Straight knurl
6.6
Part No., Production date code &
Lead-free Identification mark
11
7.7
5.08
8
6 – 0.5
±0.1
t = 0.2
2.54
2.54
2.54
8
4
2
1
0.7 W
× 1 D
14
C
P
M = 0.2
Straight knurl
6.6
7 A
9
Part No., Production date code &
Lead-free Identification mark


Similar Part No. - SA-5011A1EW

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
SA-5082 PROTECHSYSTEMS-SA-5082 Datasheet
499Kb / 2P
   Intel짰 Atom??D525 Book Size PC
More results

Similar Description - SA-5011A1EW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com